| Manufacturer | Part # | Datasheet | Description |
 Microsemi Corporation |
SIO1049
|
199Kb / 6P |
Super I/O with LPC Interface, with IrDA and Microsoft Windows MCE Consumer IR Support
|
 Maxim Integrated Produc... |
MAX1231B
|
5Mb / 40P |
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 1; 4/12 |
|
MAX5661EVCMAXQU
|
306Kb / 13P |
Windows 98SE/2000/XP-Compatible Evaluation Software
Rev 0; 3/09 |
|
MAX9268EVKIT
|
2Mb / 26P |
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 5/10 |
|
MAX9249EVKIT
|
5Mb / 38P |
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 3/10 |
|
MAX14578EVKIT
|
2Mb / 17P |
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 4/11 |
|
MAX11665EVKIT
|
3Mb / 39P |
Windows XP, Windows Vista, and Windows 7-Compatible Software
Rev 0; 6/11 |
|
MAX7311EVKIT
|
1Mb / 11P |
Windows 2000/XP/Vista (32-Bit)-Compatible Evaluation Software
2020 |
|
MAX6956EVKIT
|
830Kb / 16P |
Windows 2000/XP-, Windows Vista (32-Bit)- and Windows 10** Compatible Software
2021 |
 List of Unclassifed Man... |
110060482
|
179Kb / 3P |
Microsoft IoT Grove Kit
|