Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1085S Datasheet (PDF) - List of Unclassifed Manufacturers

B1085S Datasheet PDF - List of Unclassifed Manufacturers
Part # B1085S
Download  B1085S Download
File Size   37.05 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 3.0A Low Dropout Voltage Regulator

B1085S Datasheet (PDF)

Go To PDF Page Download Datasheet
B1085S Datasheet PDF - List of Unclassifed Manufacturers

Part # B1085S
Download  B1085S Click to download

File Size   37.05 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 3.0A Low Dropout Voltage Regulator

B1085S Datasheet (HTML) - List of Unclassifed Manufacturers


B1085S Product details

[Bay-Linear]

Description
The Bay Linear B1085 is Monolithic low power 3.0A Adjustable and fixed NPN voltage regulator that are easy to use with minimum external components. All internal circuitry is designed to operate down to 1V input to output differential and the dropout voltage is fully specified as a function of load current. Dropout is guaranteed at a maximum of 1.5V at a maximum output current. Current limit is trimmed, minimizing the stress on both the regulator and power source circuitry under overload conditions. It is suitable for applications requiring a well-regulated positive output voltage with low input-output differential voltage.

Features
• Adjustable Output Down to 1.2V
• Output Current of 3.0A
• Low Dropout Voltage 1.0V Typ.
• 0.015% Line Regulation
• 0.01% Load Regulation
• Current & Thermal Limiting
• Standard 3-Terminal Low Cost TO-220, D2, D Packages
• Similar to industry Standard LT1085

Applications
• Constant Current Regulators
• SMPS Post Regulator
• High Efficiency Linear Regulator
• High Efficiency Linear Power Supplies
• Battery Charger
• Adjustable Power Supplies




Similar Part No. - B1085S

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
B108 INTRONICS-B108 Datasheet
189Kb / 2P
1WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
B108024006 ETC2-B108024006 Datasheet
68Kb / 3P
Timers Interval
B108024060 ETC2-B108024060 Datasheet
68Kb / 3P
Timers Interval
B108024600 ETC2-B108024600 Datasheet
68Kb / 3P
Timers Interval
B108120006 ETC2-B108120006 Datasheet
68Kb / 3P
Timers Interval
More results


Similar Description - B1085S

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM2830 CALOGIC-CLM2830 Datasheet
40Kb / 4P
3.0A Low Dropout Voltage Regulator Adjustable
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
3.0A Ultra-Low Dropout Linear Regulator
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_1 Datasheet
159Kb / 11P
3.0A LOW DROPOUT PRECISION REGULATOR
logo
Unisonic Technologies
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
3.0A LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
3.0A Ultra Low Dropout Linear Regulator
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
3.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_13 Datasheet
514Kb / 12P
3.0A LOW DROPOUT PRECISION REGULATOR
logo
Unisonic Technologies
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
3.0A LOW DROPOUT LINEAR REGULATOR
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
3.0A LOW DROPOUT LINEAR REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com