Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29F040-70T Datasheet (PDF) - List of Unclassifed Manufacturers

EN29F040-70T Datasheet PDF - List of Unclassifed Manufacturers
Part # EN29F040-70T
Download  EN29F040-70T Download
File Size   223.38 Kbytes
Page   32 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 4 Megabit (512K x 8-bit) Flash Memory

EN29F040-70T Datasheet (PDF)

Go To PDF Page Download Datasheet
EN29F040-70T Datasheet PDF - List of Unclassifed Manufacturers

Part # EN29F040-70T
Download  EN29F040-70T Click to download

File Size   223.38 Kbytes
Page   32 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 4 Megabit (512K x 8-bit) Flash Memory

EN29F040-70T Datasheet (HTML) - List of Unclassifed Manufacturers


EN29F040-70T Product details

[EON]

GENERAL DESCRIPTION
The EN29F040 is a 4-Megabit, electrically erasable, read/write non-volatile flash memory. Organized into 512K words with 8 bits per word, the 4M of memory is arranged in eight uniform sectors of 64Kbytes each. Any byte can be programmed typically in 10µs. The EN29F040 features 5.0V voltage read and write operation, with access times as fast as 45ns to eliminate the need for WAIT states in high-performance microprocessor systems.

FEATURES
• 5.0V operation for read/write/erase operations
• Fast Read Access Time
    - 45ns, 55ns, 70ns, and 90ns
• Sector Architecture:
    - 8 uniform sectors of 64Kbytes each
    - Supports full chip erase
    - Individual sector erase supported
    - Sector protection: Hardware locking of sectors to prevent program or erase operations within individual sectors
• High performance program/erase speed
    - Byte program time: 10µs typical
    - Sector erase time: 500ms typical
    - Chip erase time: 3.5s typical
• Low Standby Current
    - 1µA CMOS standby current-typical
    - 1mA TTL standby current
• Low Power Active Current
    - 30mA active read current
    - 30mA program/erase current
• JEDEC Standard program and erase commands
• JEDEC standard DATA polling and toggle bits feature
• Single Sector and Chip Erase
• Sector Unprotect Mode
• Embedded Erase and Program Algorithms
• Erase Suspend / Resume modes: Read and program another Sector during Erase Suspend Mode
• 0.35 µm double-metal double-poly triple-well CMOS Flash Technology
• Low Vcc write inhibit < 3.2V
• 100K endurance cycle
• Package Options
    - 32-pin PDIP
    - 32-pin PLCC
    - 32-pin TSOP (Type 1)
• Commercial and Industrial Temperature Ranges




Similar Part No. - EN29F040-70T

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F040A EON-EN29F040A Datasheet
273Kb / 35P
4 Megabit (512K x 8-bit) Flash Memory
EN29F040A-45JC EON-EN29F040A-45JC Datasheet
273Kb / 35P
4 Megabit (512K x 8-bit) Flash Memory
EN29F040A-45JCP EON-EN29F040A-45JCP Datasheet
273Kb / 35P
4 Megabit (512K x 8-bit) Flash Memory
EN29F040A-45JI EON-EN29F040A-45JI Datasheet
273Kb / 35P
4 Megabit (512K x 8-bit) Flash Memory
EN29F040A-45JIP EON-EN29F040A-45JIP Datasheet
273Kb / 35P
4 Megabit (512K x 8-bit) Flash Memory
More results


Similar Description - EN29F040-70T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
8-Megabit 512K x 16 CMOS Flash Memory
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
4-megabit (512K x 8) 5-volt Only Flash Memory
logo
Eon Silicon Solution In...
EN29F040A EON-EN29F040A Datasheet
273Kb / 35P
4 Megabit (512K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
4-megabit (512K x 8) 5-volt Only Flash Memory
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
4-megabit (512K x 8) Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
ATMEL Corporation
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
8-megabit (1M x 8/512K x 6) Flash memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
8-megabit (1M x 8/512K x 16) Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com