Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71128 Datasheet (PDF) - Integrated Device Technology

IDT71128 Datasheet PDF - Integrated Device Technology
Part # IDT71128
Download  IDT71128 Download
File Size   81.06 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS Static RAM 1 Meg (256K x 4-Bit) Revolutionary Pinout

IDT71128 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT71128 Datasheet PDF - Integrated Device Technology

Part # IDT71128
Download  IDT71128 Click to download

File Size   81.06 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS Static RAM 1 Meg (256K x 4-Bit) Revolutionary Pinout

IDT71128 Datasheet (HTML) - Integrated Device Technology


IDT71128 Product details

Description
The IDT71128 is a 1,048,576-bit high-speed static RAM organized as 256K x 4. It is fabricated using IDT’s high-performance, high-reliability CMOS technology. This state-of-the-art technology, combined with innovative circuit design techniques, provides a cost-effective solution for high-speed memory needs. The JEDEC centerpower/GND pinout reduces noise generation and improves system performance.

Features
◆ 256K x 4 advanced high-speed CMOS static RAM
◆ JEDEC revolutionary pinout (center power/GND) for reduced noise.
◆ Equal access and cycle times
   — Commercial and Industrial: 12/15/20ns
◆ One Chip Select plus one Output Enable pin
◆ Bidirectional inputs and outputs directly TTL-compatible
◆ Low power consumption via chip deselect
◆ Available in a 32-pin 400 mil Plastic SOJ.




Similar Part No. - IDT71128

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71124 IDT-IDT71124 Datasheet
89Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout Equal access and cycle times
logo
List of Unclassifed Man...
IDT71124-Y ETC2-IDT71124-Y Datasheet
704Kb / 17P
STK503 User Guide
logo
ATMEL Corporation
IDT71124-Y ATMEL-IDT71124-Y Datasheet
704Kb / 17P
Supports the ATmega2560, ATmega1280 and ATmega640
logo
Integrated Device Techn...
IDT7112415YGI8 IDT-IDT7112415YGI8 Datasheet
89Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout Equal access and cycle times
More results


Similar Description - IDT71128

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71028 IDT-IDT71028 Datasheet
59Kb / 7P
CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028S70 IDT-IDT71028S70 Datasheet
56Kb / 7P
CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com