Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2703SILF Datasheet (PDF) - Integrated Device Technology

MK2703SILF Datasheet PDF - Integrated Device Technology
Part # MK2703SILF
Download  MK2703SILF Download
File Size   187.42 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PLL AUDIO CLOCK SYNTHESIZER

MK2703SILF Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2703SILF Datasheet PDF - Integrated Device Technology

Part # MK2703SILF
Download  MK2703SILF Click to download

File Size   187.42 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PLL AUDIO CLOCK SYNTHESIZER

MK2703SILF Datasheet (HTML) - Integrated Device Technology


MK2703SILF Product details

Description
The MK2703 is a low-cost, low-jitter, high-performance PLL clock synthesizer designed to replace oscillators and PLL circuits in set-top box and multimedia systems. Using IDT’s patented analog Phase Locked Loop (PLL) techniques, the device uses a 27 MHz crystal or clock input to produce a buffered reference clock and a selectable audio clock.

Features
• Packaged in 8-pin SOIC
• Available in Pb (lead) free package
• Uses an inexpensive, fundamental mode crystal or clock
• Supports MPEG sampling rates of 32 kHz, 44.1 kHz, 48
   kHz, and 96 kHz
• Patented zero ppm synthesis error in all clocks
• All frequencies are frequency locked
• Advanced, low power, sub-micron CMOS process
• Operating voltage of 3.3 V or 5 V
• Industrial temperature version available
• The MK2703B is recommended for new designs
   NOTE: EOL for non-green parts to occur on 5/13/10
   per PDN U-09-01




Similar Part No. - MK2703SILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2703SILF RENESAS-MK2703SILF Datasheet
348Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
051310
MK2703SILFTR RENESAS-MK2703SILFTR Datasheet
348Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
051310
More results


Similar Description - MK2703SILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1412 ICST-MK1412 Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 060200
MK2703 ICST-MK2703 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
MK2704 ICST-MK2704 Datasheet
63Kb / 4P
PLL Audio Clock Synthesizer
Revision 062700
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
MPEG Audio Clock Synthesizer
Revision 011101
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
Programmable 2-PLL Clock Synthesizer
logo
Integrated Device Techn...
MK2703B IDT-MK2703B Datasheet
188Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
logo
Renesas Technology Corp
MK2703 RENESAS-MK2703 Datasheet
348Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
051310
MK2703B RENESAS-MK2703B Datasheet
354Kb / 8P
PLL AUDIO CLOCK SYNTHESIZER
042606
MK2704 RENESAS-MK2704 Datasheet
333Kb / 7P
PLL AUDIO CLOCK SYNTHESIZER
051310
ICS348-22 RENESAS-ICS348-22 Datasheet
203Kb / 9P
QUAD PLL CLOCK SYNTHESIZER
012005
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com