Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6F2016U4E Datasheet (PDF) - Samsung semiconductor

K6F2016U4E Datasheet PDF - Samsung semiconductor
Part # K6F2016U4E
Download  K6F2016U4E Download
File Size   158.46 Kbytes
Page   9 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM

K6F2016U4E Datasheet (PDF)

Go To PDF Page Download Datasheet
K6F2016U4E Datasheet PDF - Samsung semiconductor

Part # K6F2016U4E
Download  K6F2016U4E Click to download

File Size   158.46 Kbytes
Page   9 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM

K6F2016U4E Datasheet (HTML) - Samsung semiconductor


K6F2016U4E Product details

GENERAL DESCRIPTION
The K6F2016U4E families are fabricated by SAMSUNG¢s advanced full CMOS process technology. The families support industrial temperature range and 48 ball Chip Scale Package for user flexibility of system design. The families also support low data retention voltage for battery back-up operation with low data retention current.

FEATURES
• Process Technology: Full CMOS
• Organization: 128K x16 bit
• Power Supply Voltage: 2.7~3.3V
• Low Data Retention Voltage: 1.5V(Min)
• Three State Outputs
• Package Type: 48-TBGA-6.00x7.00




Similar Part No. - K6F2016U4E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4D-F SAMSUNG-K6F2016U4D-F Datasheet
117Kb / 9P
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4D-FF55 SAMSUNG-K6F2016U4D-FF55 Datasheet
117Kb / 9P
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4D-FF70 SAMSUNG-K6F2016U4D-FF70 Datasheet
117Kb / 9P
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4G SAMSUNG-K6F2016U4G Datasheet
160Kb / 10P
2Mb(128K x 16 bit) Low Power SRAM
More results


Similar Description - K6F2016U4E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016V4E SAMSUNG-K6F2016V4E Datasheet
158Kb / 9P
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV16B ETC2-EM620FV16B Datasheet
434Kb / 11P
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU16 EMLSI-EM620FU16 Datasheet
74Kb / 11P
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM621FV16BU EMLSI-EM621FV16BU Datasheet
379Kb / 11P
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16BU EMLSI-EM621FU16BU Datasheet
362Kb / 11P
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU16B EMLSI-EM620FU16B Datasheet
390Kb / 11P
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com