Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3973 Datasheet (PDF) - Allegro MicroSystems

A3973 Datasheet PDF - Allegro MicroSystems
Part # A3973
Download  A3973 Download
File Size   364.15 Kbytes
Page   10 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Dual DMOS Full-Bridge Microstepping PWM Motor Driver

A3973 Datasheet (PDF)

Go To PDF Page Download Datasheet
A3973 Datasheet PDF - Allegro MicroSystems

Part # A3973
Download  A3973 Click to download

File Size   364.15 Kbytes
Page   10 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Dual DMOS Full-Bridge Microstepping PWM Motor Driver

A3973 Datasheet (HTML) - Allegro MicroSystems


A3973 Product details

DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER

Designed for pulse-width modulated (PWM) current control of bipolar microstepping stepper motors, the A3973SB and A3973SLB are capable of continuous output currents to ±1 A and operating voltages to 35 V. Internal fixed off-time PWM current-control timing circuitry can be programmed via a serial interface to operate in slow, fast, and mixed current-decay modes. The A3973SB (DIP) and the A3973SLB (SOIC) are electrically identical and differ only in package style.

FEATURES
■ ±1 A, 35 V Continuous Output Rating
■ Low rDS(on) DMOS Output Drivers
■ Optimized Microstepping via 6-Bit Linear DACs
■ Programmable Mixed, Fast, and Slow Current-Decay Modes
■ 4 MHz Internal Oscillator for Digital Timing
■ Serial-Interface Controls Chip Functions
■ Synchronous Rectification for Low Power Dissipation
■ Internal UVLO and Thermal Shutdown Circuitry
■ Crossover-Current Protection
■ Precision 2 V Reference
■ Inputs Compatible with 3.3 V or 5 V Control Signals
■ Sleep and Idle Modes




Similar Part No. - A3973

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3973KB ALLEGRO-A3973KB Datasheet
57Kb / 5P
DUAL FULL BRIDGE PROTECTED MOTOR DRIVER
02/19/99
A3973SB ALLEGRO-A3973SB Datasheet
201Kb / 12P
DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
December 1, 2000
A3973SLB ALLEGRO-A3973SLB Datasheet
201Kb / 12P
DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
December 1, 2000
A3973SLB-T ALLEGRO-A3973SLB-T Datasheet
364Kb / 10P
Dual DMOS Full-Bridge Microstepping PWM Motor Driver
More results


Similar Description - A3973

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3972 ALLEGRO-3972 Datasheet
190Kb / 12P
DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
3973 ALLEGRO-3973 Datasheet
201Kb / 12P
DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
December 1, 2000
A3992 ALLEGRO-A3992 Datasheet
477Kb / 13P
DMOS Dual Full-Bridge Microstepping PWM Motor Driver
logo
Shindengen Electric Mfg...
MTD2017F SHINDENGEN-MTD2017F Datasheet
91Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
MTD2017G SHINDENGEN-MTD2017G Datasheet
120Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
MTD2018G SHINDENGEN-MTD2018G Datasheet
120Kb / 5P
Dual Full-bridge Microstepping PWM Motor Driver
logo
Allegro MicroSystems
A3972 ALLEGRO-A3972 Datasheet
312Kb / 10P
Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3992 ALLEGRO-A3992_13 Datasheet
549Kb / 13P
DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3973SLB-T ALLEGRO-A3973SLB-T Datasheet
364Kb / 10P
Dual DMOS Full-Bridge Microstepping PWM Motor Driver
A3972SB-T ALLEGRO-A3972SB-T Datasheet
282Kb / 11P
Dual DMOS Full-Bridge Microstepping PWM Motor Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com