Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6818 Datasheet (PDF) - Allegro MicroSystems

A6818 Datasheet PDF - Allegro MicroSystems
Part # A6818
Download  A6818 Download
File Size   266.15 Kbytes
Page   7 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Controlled output slew rate

A6818 Datasheet (PDF)

Go To PDF Page Download Datasheet
A6818 Datasheet PDF - Allegro MicroSystems

Part # A6818
Download  A6818 Click to download

File Size   266.15 Kbytes
Page   7 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Controlled output slew rate

A6818 Datasheet (HTML) - Allegro MicroSystems


A6818 Product details

The A6818– devices combine a 32-bit CMOS shift register, accompanying data latches and control circuitry with bipolar sourcing outputs and pnp active pull downs. Designed primarily to drive vacuum-fluorescent displays, the 60 V and - 40 mA output ratings also allow these devices to be used in many other peripheral power driver applications. The A6818– features an increased data input rate (compared with the older UCN/UCQ5818–F) and a controlled output slew rate.
The CMOS shift register and latches allow direct interfacing with microprocessor-based systems. With a 3.3 V or 5 V logic supply, typical serial-data input rates are up to 33 MHz.
A CMOS serial data output permits cascade connections in applications requiring additional drive lines. Similar devices are available as the A6810– (10 bits) and A6812– (20 bits).

FEATURES
■ Controlled Output Slew Rate
■ 60 V Minimum Output Breakdown
■ PNP Active Pull-Downs
■ Low-Power CMOS Logic and Latches
■ High-Speed Data Storage
■ High Data Input Rate
■ Low Output-Saturation Voltages
■ Improved Replacements for SN75518N, SN75518NF, UCN5818–, and UCQ5818–




Similar Part No. - A6818

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6818EA ALLEGRO-A6818EA Datasheet
142Kb / 7P
DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6818EEP ALLEGRO-A6818EEP Datasheet
142Kb / 7P
DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6818EEP ALLEGRO-A6818EEP Datasheet
124Kb / 7P
DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6818EEP-T ALLEGRO-A6818EEP-T Datasheet
124Kb / 7P
DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6818EEPTR ALLEGRO-A6818EEPTR Datasheet
124Kb / 7P
DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
More results


Similar Description - A6818

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250 Datasheet
193Kb / 12P
Slew Rate Controlled Load Switch
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5285 GMT-G5285 Datasheet
136Kb / 1P
Slew Rate Controlled Load Switch
logo
STMicroelectronics
EVLPOWERSTEP01 STMICROELECTRONICS-EVLPOWERSTEP01 Datasheet
342Kb / 8P
Adjustable output slew rate
07-Oct-2014
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com