Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4582L Datasheet (PDF) - Maxim Integrated Products

MAX4582L Datasheet PDF - Maxim Integrated Products
Part # MAX4582L
Download  MAX4582L Download
File Size   381.1 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, CMOS Analog Multiplexers/Switches

MAX4582L Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4582L Datasheet PDF - Maxim Integrated Products

Part # MAX4582L
Download  MAX4582L Click to download

File Size   381.1 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, CMOS Analog Multiplexers/Switches

MAX4582L Datasheet (HTML) - Maxim Integrated Products


MAX4582L Product details

General Description

The MAX4581L/MAX4582L/MAX4583L are low-voltage, CMOS analog ICs configured as an 8-channel multiplexer (MAX4581L), two 4-channel multiplexers (MAX4582L), and three single-pole/double-throw (SPDT) switches (MAX4583L). These CMOS devices operate with a +2V to +12V single supply. Each switch can handle rail-to-rail analog signals. Off-leakage current is only 2nA at +25°C.



Features

● +3V Logic-Compatible Inputs (VIH= 2.0V, VIL = 0.8V)

● Guaranteed On-Resistance: 80Ω with +12V Supply

● Guaranteed 4Ω On-Resistance Match Between Channels

● Guaranteed Low Off-Leakage Current: 2nA at +25°C

● Guaranteed Low On-Leakage Current: 2nA at +25°C

● +2V to +12V Supply Operation

● TTL/CMOS-Logic Compatible

● Low Crosstalk: -96dB (MAX4582L)

● High Off-Isolation: -90dB

● Tiny 4mm x 4mm Thin QFN Package

● Pin Compatible with Industry-Standard 74HC4051/74HC4052/74HC4053 and  MAX4051/

MAX4052/MAX4053




Similar Part No. - MAX4582L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4582LEEE MAXIM-MAX4582LEEE Datasheet
310Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4582LESE MAXIM-MAX4582LESE Datasheet
310Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4582LETE MAXIM-MAX4582LETE Datasheet
310Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
More results


Similar Description - MAX4582L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com