Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK1725GILF Datasheet (PDF) - Integrated Device Technology

MK1725GILF Datasheet PDF - Integrated Device Technology
Part # MK1725GILF
Download  MK1725GILF Download
File Size   216.57 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUAD OUTPUT SPREAD SPECTRUM CLOCK GENERATOR

MK1725GILF Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1725GILF Datasheet PDF - Integrated Device Technology

Part # MK1725GILF
Download  MK1725GILF Click to download

File Size   216.57 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUAD OUTPUT SPREAD SPECTRUM CLOCK GENERATOR

MK1725GILF Datasheet (HTML) - Integrated Device Technology


MK1725GILF Product details

Description
The MK1725 generates 4 high-quality, high-frequency spread spectrum clock outputs. It is designed to replace spread spectrum clock generators and a buffer in many digital consumer applications. Using IDT’s patented Phase Locked Loop (PLL) techniques, the device runs from a lower frequency clock or crystal input.

Features
• Packaged in 16-pin TSSOP
• Available in Pb (lead) free package
• Replaces a spread spectrum clock generator and a buffer
• Input clock or crystal frequency of 20-34 MHz
• Output frequency of 20-136 MHz
• Four spread spectrum clock outputs
• Duty cycle of 45/55
• Operating voltage of 3.3 V
• Advanced, low power CMOS process
• Available in Commercial (0 to +70°C) and Industrial (-40 to +85°C) temperature ranges




Similar Part No. - MK1725GILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1725GILF RENESAS-MK1725GILF Datasheet
358Kb / 9P
QUAD OUTPUT SPREAD SPECTRUM CLOCK GENERATOR
033109
MK1725GILFT RENESAS-MK1725GILFT Datasheet
358Kb / 9P
QUAD OUTPUT SPREAD SPECTRUM CLOCK GENERATOR
033109
More results


Similar Description - MK1725GILF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
Spread Spectrum Clock Generator
logo
Integrated Circuit Syst...
MK1725 ICST-MK1725 Datasheet
158Kb / 6P
Quad Output Spread Spectrum Clock Generator
Revision 021605
logo
fujitsu semiconductor
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Renesas Technology Corp
MK1725 RENESAS-MK1725 Datasheet
358Kb / 9P
QUAD OUTPUT SPREAD SPECTRUM CLOCK GENERATOR
033109
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com