Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA251 Datasheet (PDF) - List of Unclassifed Manufacturers

RA251 Datasheet PDF - List of Unclassifed Manufacturers
Part # RA251
Download  RA251 Download
File Size   29.56 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Silicon Rectifier Button-Cells

RA251 Datasheet (PDF)

Go To PDF Page Download Datasheet
RA251 Datasheet PDF - List of Unclassifed Manufacturers

Part # RA251
Download  RA251 Click to download

File Size   29.56 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Silicon Rectifier Button-Cells

RA251 Datasheet (HTML) - List of Unclassifed Manufacturers


RA251 Product details

[Diotec]

Silicon Rectifier Button-Cells

• Nominal current                                         25 A
• Repetitive peak reverse voltage    50…1000 V
• Plastic case,                           Ø 10 x 6.2 [mm] coloured metal ring indicates cathode
• Weight approx.                                     1.9 g
• Plastic material has UL classification 94V-0
• Standard packaging: bulk




Similar Part No. - RA251

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RA251 MCC-RA251 Datasheet
99Kb / 2P
25.0 Amp High Current Plastic Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
RA251 DIOTEC-RA251 Datasheet
156Kb / 2P
Silicon-Rectifiers - Button Diodes
logo
Micro Commercial Compon...
RA251 MCC-RA251 Datasheet
109Kb / 3P
25 Amp Standard Rectifier 50 to 1000 Volts
logo
SHENZHEN YONGERJIA INDU...
RA251 WINNERJOIN-RA251 Datasheet
147Kb / 2P
AUTOMOTIVE RECTIFIER
logo
Diotec Semiconductor
RA251 DIOTEC-RA251 Datasheet
231Kb / 2P
Silicon-Rectifiers
More results


Similar Description - RA251

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
AG3A DIOTEC-AG3A Datasheet
102Kb / 1P
Silicon Rectifier Cells with polysiloxan passivation
AG12A DIOTEC-AG12A Datasheet
103Kb / 1P
Silicon Rectifier Cells with polysiloxan passivation
logo
Semikron International
AG3A SEMIKRON-AG3A Datasheet
82Kb / 2P
Silicon Rectifier Cells with polysiloxan passivation
AG6A SEMIKRON-AG6A Datasheet
82Kb / 2P
Silicon Rectifier Cells with polysiloxan passivation
logo
Diotec Semiconductor
AG12A DIOTEC-AG12A_07 Datasheet
94Kb / 1P
Silicon Rectifier Cells with Polysiloxane Cover
AG3A DIOTEC-AG3A_07 Datasheet
93Kb / 1P
Silicon Rectifier Cells with Polysiloxane Cover
logo
Wing Shing Computer Com...
30H2A2HD WINGS-30H2A2HD Datasheet
111Kb / 1P
Ni-Mn BUTTON CELLS
30H3A2H WINGS-30H3A2H Datasheet
35Kb / 1P
Ni-Mn BUTTON CELLS
60H3A2H WINGS-60H3A2H Datasheet
104Kb / 1P
Ni-Mn BUTTON CELLS
60K3A2H WINGS-60K3A2H Datasheet
115Kb / 1P
Ni-Cd BUTTON CELLS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com