Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL75L20 Datasheet (PDF) - Delta Electronics, Inc.

FL75L20 Datasheet PDF - Delta Electronics, Inc.
Part # FL75L20
Download  FL75L20 Download
File Size   566.0 Kbytes
Page   7 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Industry standard footprint and pin-out

FL75L20 Datasheet (PDF)

Go To PDF Page Download Datasheet
FL75L20 Datasheet PDF - Delta Electronics, Inc.

Part # FL75L20
Download  FL75L20 Click to download

File Size   566.0 Kbytes
Page   7 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Industry standard footprint and pin-out

FL75L20 Datasheet (HTML) - Delta Electronics, Inc.


FL75L20 Product details

The Delphi series FL75L20 filter module is the latest offering from a world leader in power systems technology and manufacturing -- Delta Electronics, Inc. This filter module is designed to reduce the conducted common-mode and differential-mode noise on input or output lines of high-frequency switching power supplies and has a maximum current rating of 20A. It has the industry standard footprint and pin-out. With creative design technology and optimization of component placement, Delphi FL75L20 filter module possesses outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions.

FEATURES
♦ ROHS Compliant
♦ Small size: 50.8mm x 40.6mm x 12.7mm
   (2.0” x 1.6” x 0.5”)
♦ Industry standard footprint and pin-out
♦ Optimized for use with high frequency
   board mounted DC/DC converters
♦ Printed-circuit board mountable
♦ ISO 9001, TL 9000, ISO 14001, QS 9000,
   OHSAS 18001 certified manufacturing
   facility
♦ UL/cUL 60950 (US & Canada)
   Recognized, VDE 0805 (IEC60950)
   Licensed
  
APPLICATIONS
♦ Common-mode and differential-mode
   filtering of power supply dc input and
   output line
♦ Computer application
♦ Communications equipment




Similar Part No. - FL75L20

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FL75L20-A DELTA-FL75L20-A Datasheet
1Mb / 11P
Small size: 25.4mm x 25.4mm x 12.0mm
FL75L20A DELTA-FL75L20A Datasheet
317Kb / 7P
Delphi Series Filter Module 75Vdc input, 5A current Rating
FL75L20A DELTA-FL75L20A Datasheet
740Kb / 7P
Delphi Series Filter Module 0~75Vdc input, 7A Current Rating
FL75L20A DELTA-FL75L20A Datasheet
340Kb / 7P
Delphi Series Filter Module 75Vdc max input, 20A max output current The Delphi series FL75L20 A filter module is the latest offering
FL75L20A DELTA-FL75L20A Datasheet
1Mb / 12P
Delphi Series Filter Module - FL75L07 0~75Vdc input, 7A Current Rating
More results


Similar Description - FL75L20

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q36SR DELTA-Q36SR Datasheet
713Kb / 14P
Industry standard footprint and pin out
Q36SR12020NRFA DELTA-Q36SR12020NRFA Datasheet
902Kb / 14P
Industry standard footprint and pin out
S48SA DELTA-S48SA Datasheet
910Kb / 13P
Industry standard footprint and pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
Industry standard pin out
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
Industry standard pin out
FL75L10 DELTA-FL75L10 Datasheet
522Kb / 7P
Industry standard footprint and pin-out
S48SA05006 DELTA-S48SA05006 Datasheet
910Kb / 13P
Industry standard footprint and pin out
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com