Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3342 Datasheet (PDF) - Toshiba Semiconductor

K3342 Datasheet PDF - Toshiba Semiconductor
Part # K3342
Download  K3342 Download
File Size   129.3 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSV)

K3342 Datasheet (PDF)

Go To PDF Page Download Datasheet
K3342 Datasheet PDF - Toshiba Semiconductor

Part # K3342
Download  K3342 Click to download

File Size   129.3 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSV)

K3342 Datasheet (HTML) - Toshiba Semiconductor


K3342 Product details

Switching Regulator and DC-DC Converter Applications
Motor Drive Applications

● Low drain-source ON resistance : RDS (ON) = 0.8 Ω (typ.)
● High forward transfer admittance : |Yfs| = 4.5 S (typ.)
● Low leakage current : IDSS = 100 μA (max) (VDS = 250 V)
● Enhancement mode : Vth = 1.5 to 3.5 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - K3342

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K334K20X7RF5.H5 VISHAY-K334K20X7RF5.H5 Datasheet
368Kb / 13P
Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
18-Jan-06
K334K20X7RF5.H5 VISHAY-K334K20X7RF5.H5 Datasheet
97Kb / 13P
Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
16-Nov-09
K334K20X7RF5.H5 VISHAY-K334K20X7RF5.H5 Datasheet
103Kb / 13P
Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
13-Apr-10
K334K20X7RF5.L2 VISHAY-K334K20X7RF5.L2 Datasheet
368Kb / 13P
Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
18-Jan-06
K334K20X7RF5.L2 VISHAY-K334K20X7RF5.L2 Datasheet
97Kb / 13P
Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
16-Nov-09
More results


Similar Description - K3342

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3130 TOSHIBA-2SK3130 Datasheet
203Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (?-MOSV)
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3471 TOSHIBA-2SK3471 Datasheet
104Kb / 3P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3543 TOSHIBA-2SK3543 Datasheet
234Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3314 TOSHIBA-2SK3314 Datasheet
263Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3310 TOSHIBA-2SK3310 Datasheet
234Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3374 TOSHIBA-2SK3374 Datasheet
227Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV)
2SK2312 TOSHIBA-2SK2312_02 Datasheet
244Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−??MOSV)
2SJ567 TOSHIBA-2SJ567_09 Datasheet
184Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (MOSV)
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com