Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL05T1G Datasheet (PDF) - ON Semiconductor

SL05T1G Datasheet PDF - ON Semiconductor
Part # SL05T1G
Download  SL05T1G Download
File Size   95.55 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Capacitance TVS

SL05T1G Datasheet (PDF)

Go To PDF Page Download Datasheet
SL05T1G Datasheet PDF - ON Semiconductor

Part # SL05T1G
Download  SL05T1G Click to download

File Size   95.55 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Capacitance TVS

SL05T1G Datasheet (HTML) - ON Semiconductor


SL05T1G Product details

This new family of TVS offers transient overvoltage protection with significantly reduced capacitance. The capacitance is lowered by integrating a compensating diode in series. This integrated solution offers ESD protection for high speed interfaces such as communication systems, computers, and computer peripherals.

Features
• TVS Diode in Series with a Compensating Diode Offers <5 pF Capacitance
• ESD Protection Meeting IEC 61000−4−2, 4−4, 4−5
• Peak Power Rating of 300 W, 8 × 20 s
• Bi−Direction Protection Can Be Achieved By Using Two Devices
• Flammability Rating UL 94 V−0
• Pb−Free Packages are Available




Similar Part No. - SL05T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SL05T1G ONSEMI-SL05T1G Datasheet
60Kb / 5P
300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
December, 2006 ??Rev. 5
SL05T1G ONSEMI-SL05T1G Datasheet
113Kb / 5P
300 Watt SOT-23 Low Capacitance TVS for High Speed Line Protections
March, 2013 ??Rev. 8
More results


Similar Description - SL05T1G

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
LOW CAPACITANCE TVS ARRAY
PSOT03 PROTEC-PSOT03_07 Datasheet
64Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSOT15KCA PROTEC-PSOT15KCA_07 Datasheet
64Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
LOW CAPACITANCE TVS ARRAY
logo
Nanjing International G...
SD05 DGNJDZ-SD05 Datasheet
203Kb / 4P
STANDARD CAPACITANCE TVS
logo
SUNMATE electronic Co.,...
PEDSD12C SUNMATE-PEDSD12C Datasheet
241Kb / 3P
STANDARD CAPACITANCE TVS
PEDSD03C SUNMATE-PEDSD03C Datasheet
241Kb / 3P
STANDARD CAPACITANCE TVS
logo
Shanghai Leiditech Elec...
LC03-6 LEIDITECH-LC03-6 Datasheet
195Kb / 3P
Low Capacitance TVS
LC03-6 LEIDITECH-LC03-6_V01 Datasheet
636Kb / 4P
Low Capacitance TVS
logo
Applied Power Microelec...
LC03-6 APMICRO-LC03-6 Datasheet
1Mb / 8P
Low Capacitance TVS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com