Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4991A Datasheet (PDF) - NEC

4991A Datasheet PDF - NEC
Part # 4991A
Download  4991A Download
File Size   772.09 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC

4991A Datasheet (PDF)

Go To PDF Page Download Datasheet
4991A Datasheet PDF - NEC

Part # 4991A
Download  4991A Click to download

File Size   772.09 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC

4991A Datasheet (HTML) - NEC




Similar Part No. - 4991A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
4991A TDK-4991A Datasheet
188Kb / 4P
Common mode filters Automotive power line (for power train/safety) ACM-V series
20210705
4991A TDK-4991A Datasheet
171Kb / 9P
Common Mode Filters For signal line
20151221
4991A+16192A TDK-4991A+16192A Datasheet
177Kb / 4P
Inductors for decoupling circuits Multilayer ferrite MLJ-G series (for automotive PoC)
20220601
More results


Similar Description - 4991A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC25 ATMEL-ATC25 Datasheet
88Kb / 11P
Cell-based ASIC
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
ATC18 ATMEL-ATC18_06 Datasheet
219Kb / 12P
Cell-based ASIC
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
Cell-based ASIC
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
0.18 關m CMOS Cell-based ASIC for Military Use
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
ATC20 ATMEL-ATC20 Datasheet
97Kb / 11P
Cell-based ASIC
logo
List of Unclassifed Man...
DC2X ETC2-DC2X Datasheet
41Kb / 2P
AMI5HG 0.5 MICRON CMOS GATE ARRAY
logo
Microchip Technology
ATMX150RHA MICROCHIP-ATMX150RHA Datasheet
224Kb / 22P
Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
2021
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com