Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3313 Datasheet (PDF) - Toshiba Semiconductor

2SK3313 Datasheet PDF - Toshiba Semiconductor
Part # 2SK3313
Download  2SK3313 Download
File Size   270.25 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Chopper Regulator

2SK3313 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3313 Datasheet PDF - Toshiba Semiconductor

Part # 2SK3313
Download  2SK3313 Click to download

File Size   270.25 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Chopper Regulator

2SK3313 Datasheet (HTML) - Toshiba Semiconductor


2SK3313 Product details

Chopper Regulator and DC−DC Converter Applications

Motor Drive Applications



 Fast reverse recovery time  : trr = 90 ns (typ.)

 Built-in high-speed free-wheeling diode

 Low drain−source ON-resistance  : RDS (ON)= 0.5 Ω(typ.)

 High forward transfer admittance  : |Yfs| = 8.5 S (typ.)

 Low leakage current  : IDSS= 100 μA (max) (VDS= 500 V)

 Enhancement mode  : Vth= 2.0 to 4.0 V (VDS= 10 V, ID= 1 mA)




Similar Part No. - 2SK3313

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3313 TOSHIBA-2SK3313 Datasheet
706Kb / 6P
Silicon N Channel MOS Type Chopper Regulatorand DC−DC Converter Applications Motor Drive Applications
2SK3313 TOSHIBA-2SK3313 Datasheet
420Kb / 6P
Chopper Regulator and DC−DC Converter Applications Motor Drive Applications
2SK3313 TOSHIBA-2SK3313 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3313 ISC-2SK3313 Datasheet
323Kb / 2P
isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3313 TOSHIBA-2SK3313_06 Datasheet
706Kb / 6P
Silicon N Channel MOS Type Chopper Regulatorand DC−DC Converter Applications Motor Drive Applications
More results


Similar Description - 2SK3313

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK795 SANYO-STK795 Datasheet
96Kb / 4P
Chopper Type Voltage Regulator???
logo
Sharp Corporation
PQ1CF1 SHARP-PQ1CF1 Datasheet
28Kb / 3P
TO-220 Package Chopper Regulator
PQ1CG21H2FZ SHARP-PQ1CG21H2FZ Datasheet
62Kb / 3P
Chopper Regulator
PQ1CX12H2ZPQ SHARP-PQ1CX12H2ZPQ Datasheet
152Kb / 5P
Bootstrap system Chopper Regulator
PQ1CG3032FZH SHARP-PQ1CG3032FZH Datasheet
144Kb / 5P
Chopper Regulator
logo
Toshiba Semiconductor
2SK1489 TOSHIBA-2SK1489_09 Datasheet
393Kb / 6P
Chopper Regulator Applications
2SK3466 TOSHIBA-2SK3466_10 Datasheet
182Kb / 6P
Chopper Regulator Applications
logo
Sharp Corporation
PQ1CZ1T SHARP-PQ1CZ1T Datasheet
79Kb / 8P
Surface Mount Type Chopper Regulator
logo
Toshiba Semiconductor
2SK2312 TOSHIBA-2SK2312_07 Datasheet
254Kb / 6P
Chopper Regulator
2SK3067 TOSHIBA-2SK3067 Datasheet
128Kb / 3P
Chopper Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com