Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT16652 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
74LVT16652 Datasheet PDF - National Semiconductor (TI)
Part # 74LVT16652
Download  74LVT16652 Download
File Size   104.77 Kbytes
Page   6 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 3.3V ABT 16-Bit Transceiver/Register with TRI-STATEÉ Outputs

74LVT16652 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT16652 Datasheet PDF - National Semiconductor (TI)

Part # 74LVT16652
Download  74LVT16652 Click to download

File Size   104.77 Kbytes
Page   6 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 3.3V ABT 16-Bit Transceiver/Register with TRI-STATEÉ Outputs

74LVT16652 Datasheet (HTML) - National Semiconductor (TI)


74LVT16652 Product details

General Description
The LVT16652 consists of sixteen bus transceiver circuits
with D-type flip-flops, and control circuitry arranged for multiplexed transmission of data directly from the input bus or
from the internal registers. Each byte has separate control
inputs which can be shorted together for full 16-bit operation. Data on the A or B bus will be clocked into the registers
as the appropriate clock pin goes to HIGH logic level. Output Enable pins (OEAB, OEBA) are provided to control the
transceiver function.
The transceivers are designed for low-voltage (3.3V) VCC
applications, but with the capability to provide a TTL interface to a 5V environment. The LVT16652 is fabricated with
an advanced BiCMOS technology to achieve high speed
operation similar to 5V ABT while maintaining a low power
dissipation.

Features
Y Input and output interface capability to systems at 5V
VCC
Y Bus-Hold data inputs eliminate the need for external
pull-up resistors to hold unused inputs
Y Live insertion/extraction permitted
Y Power Up/Down high impedance provides glitch-free
bus loading
Y Outputs source/sink b32 mA/a64 mA
Y Available in SSOP and TSSOP
Y Functionally compatible with the 74 series 16652
Y Latch-up performance exceeds 500 mA




Similar Part No. - 74LVT16652

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
3.3 V 16-bit bus transceiver/register; 3-state
74LVT16652ADGG NEXPERIA-74LVT16652ADGG Datasheet
233Kb / 22P
3.3 V 16-bit bus transceiver/register; 3-state
74LVT16652ADL NEXPERIA-74LVT16652ADL Datasheet
233Kb / 22P
3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
More results


Similar Description - 74LVT16652

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT16245 NSC-54ABT16245 Datasheet
219Kb / 9P
16-Bit Transceiver with TRI-STATE Outputs
54AC646 NSC-54AC646 Datasheet
193Kb / 10P
Octal Transceiver/Register with TRI-STATE Outputs
54ACTQ16245 NSC-54ACTQ16245 Datasheet
72Kb / 6P
16-Bit Transceiver with TRI-STATE Outputs
54ACTQ16646 NSC-54ACTQ16646 Datasheet
92Kb / 8P
16-Bit Transceiver/Register with TRI-STATE Outputs
74FR16245 NSC-74FR16245 Datasheet
151Kb / 6P
16-Bit Transceiver with TRI-STATE Outputs
logo
NXP Semiconductors
74LVT16245B PHILIPS-74LVT16245B Datasheet
78Kb / 10P
3.3V ABT 16-bit transceiver 3-State
1998 Feb 19
logo
National Semiconductor ...
54F646 NSC-54F646 Datasheet
216Kb / 12P
Octal Transceiver/Register with TRI-STATE Outputs
logo
Texas Instruments
SN74LVTH16652-EP TI1-SN74LVTH16652-EP Datasheet
343Kb / 13P
3.3-V ABT 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SNJ54ABT16245WD TI-SNJ54ABT16245WD Datasheet
299Kb / 12P
54ABT16245 16-Bit Transceiver with TRI-STATE Outputs
logo
National Semiconductor ...
MM54HC299 NSC-MM54HC299 Datasheet
143Kb / 6P
8-Bit TRI-STATEÉ Universal Shift Register
January 1988
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com