Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1999 Datasheet (PDF) - Maxim Integrated Products

MAX1999 Datasheet PDF - Maxim Integrated Products
Part # MAX1999
Download  MAX1999 Download
File Size   180.15 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 7V to 24V Input Voltage Range, 3.3V and 5V Output Voltages

MAX1999 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1999 Datasheet PDF - Maxim Integrated Products

Part # MAX1999
Download  MAX1999 Click to download

File Size   180.15 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 7V to 24V Input Voltage Range, 3.3V and 5V Output Voltages

MAX1999 Datasheet (HTML) - Maxim Integrated Products


MAX1999 Product details

General Description
The MAX1777/MAX1977/MAX1999 dual step-down, switch-mode power-supply (SMPS) controllers generate logic-supply voltages in battery-powered systems. The MAX1777/MAX1977/MAX1999 include two pulse-width modulation (PWM) controllers, adjustable from 2V to 5.5V or fixed at 5V and 3.3V. These devices feature two linear regulators providing 5V and 3.3V always-on outputs.

Features
♦ No Current-Sense Resistor Needed (MAX1999)
♦ Accurate Current Sense with Current-Sense
   Resistor (MAX1777/MAX1977)
♦ 1.5% Output Voltage Accuracy
♦ 3.3V and 5V 100mA Bootstrapped Linear
   Regulators
♦ Internal Soft-Start and Soft-Stop Output
   Discharge
♦ Quick-PWM with 100ns Load Step Response
♦ 3.3V and 5V Fixed or Adjustable Outputs
   (Dual Mode™)
♦ 4.5V to 24V Input Voltage Range
♦ Ultrasonic Pulse-Skipping Mode (25kHz min)
♦ Power-Good (PGOOD) Signal
♦ Overvoltage Protection Enable/Disable

Applications
   Notebook and Subnotebook Computers
   PDAs and Mobile Communication Devices
   3- and 4-Cell Li+ Battery-Powered Devices




Similar Part No. - MAX1999

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1999 MAXIM-MAX1999 Datasheet
497Kb / 32P
High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 1; 9/04
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19993ETX+ MAXIM-MAX19993ETX+ Datasheet
4Mb / 23P
Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19993ETX+T MAXIM-MAX19993ETX+T Datasheet
4Mb / 23P
Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
More results


Similar Description - MAX1999

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX682 MAXIM-MAX682 Datasheet
154Kb / 12P
3.3V-Input to Regulated 5V-Output Charge Pumps
Rev 1; 8/98
logo
National Semiconductor ...
LM5035C NSC-LM5035C_1 Datasheet
343Kb / 14P
Input operating range: 36V to 75V Output voltage: 3.3V
LM5039 NSC-LM5039_1 Datasheet
440Kb / 14P
Input Operating Range: 36V to 75V Output Voltage: 3.3V
logo
Texas Instruments
LM2852 TI-LM2852 Datasheet
1Mb / 25P
Input Voltage Range of 2.85 to 5.5V, Factory EEPROM Set OUTPUT Voltages from 0.8V to 3.3V in 100mV increments
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
Wide Operating Input Voltage Range : 4.5V to 24V
logo
Maxim Integrated Produc...
MAX25610 MAXIM-MAX25610 Datasheet
496Kb / 10P
5V to 18V Input Voltage Range
Rev 0; 4/19
MAX17524EVKIT MAXIM-MAX17524EVKIT Datasheet
1Mb / 14P
Dual-Output Voltage 3.3V and 5V Application
Rev 0; 12/17
MAX17521EVKIT MAXIM-MAX17521EVKIT Datasheet
885Kb / 10P
3.3V and 5V Output-Voltage Application
Rev 1; 7/17
MAX8751EVKIT MAXIM-MAX8751EVKIT Datasheet
320Kb / 9P
8V to 24V Input Range
Rev 0; 1/06
MAX8709EVKIT MAXIM-MAX8709EVKIT Datasheet
701Kb / 7P
7V to 24V Input Range
Rev 1; 4/04
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com