Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS-30193 Datasheet (PDF) - List of Unclassifed Manufacturers

DMS-30193 Datasheet PDF - List of Unclassifed Manufacturers
Part # DMS-30193
Download  DMS-30193 Download
File Size   121.61 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Alternate Source for DP-650 Series, 3쩍 Digit, LCD Display Digital Panel Voltmeters

DMS-30193 Datasheet (PDF)

Go To PDF Page Download Datasheet
DMS-30193 Datasheet PDF - List of Unclassifed Manufacturers

Part # DMS-30193
Download  DMS-30193 Click to download

File Size   121.61 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Alternate Source for DP-650 Series, 3쩍 Digit, LCD Display Digital Panel Voltmeters

DMS-30193 Datasheet (HTML) - List of Unclassifed Manufacturers


DMS-30193 Product details

[DATEL]

DATELs new DMS-3019X Series, 3½ Digit, LCD Display, Digital Panel Voltmeters provide DP-650 users with a superior-quality alternate source. The DMS-3019X Series input/output connector is pin-compatible with nearly all DP-650 applications. Only minor sheet-metal modifications are needed to attain all the advantages offered by the DMS-3019X Series digital voltmeters.

Features
• Replaces DP-650, DP-652 and DP-654 meters
• Connects directly to existing wiring
• Available in three input ranges: ±200mV, ±2V and ±20V
• Low power consumption
• Wider operating temperature range (0 to +60°C)
• Rugged, epoxy-encapsulated plastic packages
• Large (0.4"/10.2mm) LCD displays
• Made in the USA!




Similar Part No. - DMS-30193

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-30193 MURATA-PS-DMS-30193 Datasheet
208Kb / 2P
Alternate Source for DP-650 Series, 3쩍 Digit LCD DIsplay Digital Panel Voltmeters
More results


Similar Description - DMS-30193

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
4쩍 Digit, LED Display Digital Panel Voltmeters
DMS-30194 MURATA-PS-DMS-30194 Datasheet
208Kb / 2P
Alternate Source for DP-650 Series, 3쩍 Digit LCD DIsplay Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM3100U1 MURATA-DM3100U1 Datasheet
289Kb / 6P
3쩍 Digit, LCD Digital Panel Meter with Descriptors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com