Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

216KR13 Datasheet (PDF) - Alpha Wire

216KR13 Datasheet PDF - Alpha Wire
Part # 216KR13
Download  216KR13 Download
File Size   135.09 Kbytes
Page   2 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Mini 7/8" Female 3 Pin Field Attachable

216KR13 Datasheet (PDF)

Go To PDF Page Download Datasheet
216KR13 Datasheet PDF - Alpha Wire

Part # 216KR13
Download  216KR13 Click to download

File Size   135.09 Kbytes
Page   2 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Mini 7/8" Female 3 Pin Field Attachable

216KR13 Datasheet (HTML) - Alpha Wire




Similar Part No. - 216KR13

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
216 RFSOLUTIONS-216 Datasheet
396Kb / 11P
Modular Radio Telemetry System
logo
Marl International Limi...
216 MARL-216 Datasheet
220Kb / 4P
Direct replacement for BA22
logo
Aries Electronics, Inc.
216 ARIES-216 Datasheet
1Mb / 2P
Easy Identification and Tracing with 10-color Cable
logo
Littelfuse
216 LITTELFUSE-216 Datasheet
1Mb / 4P
5횞20mm fast-acting ceramic body cartridge fuse designed to IEC specification
logo
ATTEND Technology Inc.
216 ATTEND-216 Datasheet
370Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 216 SERIES
2023-07-13
More results


Similar Description - 216KR13

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
217KR9-NC032 ALPHAWIRE-217KR9-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
217KR11-NC032 ALPHAWIRE-217KR11-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
220LR11-NC032 ALPHAWIRE-220LR11-NC032 Datasheet
173Kb / 2P
Mini 7/8 Male 4 Pin Field Attachable
217 ALPHAWIRE-217 Datasheet
168Kb / 2P
Mini 7/8" Female 4 Pin Field Attachable
218 ALPHAWIRE-218 Datasheet
168Kb / 2P
Mini 7/8" Female 5 Pin Field Attachable
219 ALPHAWIRE-219 Datasheet
173Kb / 2P
Mini 7/8" Male 3 Pin Field Attachable
220 ALPHAWIRE-220 Datasheet
173Kb / 2P
Mini 7/8" Male 4 Pin Field Attachable
221 ALPHAWIRE-221 Datasheet
175Kb / 2P
Mini 7/8" Male 5 Pin Field Attachable
222 ALPHAWIRE-222 Datasheet
197Kb / 2P
Mini 7/8" Male Internal Threads 3 Pin Field Attachable
logo
Lumberg
RKC40-16 LUMBERG-RKC40-16 Datasheet
367Kb / 2P
Mini, 7/8 Field Attachable Connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com