Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1242 Datasheet (PDF) - NTE Electronics

NTE1242 Datasheet PDF - NTE Electronics
Part # NTE1242
Download  NTE1242 Download
File Size   21.38 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit FM/AM IF Amp, AM Converter

NTE1242 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1242 Datasheet PDF - NTE Electronics

Part # NTE1242
Download  NTE1242 Click to download

File Size   21.38 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit FM/AM IF Amp, AM Converter

NTE1242 Datasheet (HTML) - NTE Electronics


NTE1242 Product details

Features:

Separate AM and FM Circuitry

Ceramic Filters Can be Used.

Same AM and FM Detection Output Level



Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)

Supply Voltage, VCC . . . . . . . . . . . . .  . . . . . . . . . . . . . . . . . . . . . . . 9.6V

Circuit Voltages, V8–7, V15–6 . . . . . . . .  . . . . . . . . . . . . . . . . . . . . 14.4V

Supply Current, ICC . . . . . . . . . . . . .  . . . . . . . . . . . . . . . . . . . . . . . 40mA

Power Dissipation (TA = +75°C), PD . . . . . .. . . . . . . . . . . . . . 400mW

Operating Ambient Temperature Range, Topr . .  . . . . . –20° to +75°C

Storage Temperature Range, Tstg . . . . . . .  . . . . . . . . –55° to +150°C




Similar Part No. - NTE1242

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE124 NTE-NTE124 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage Power Output
NTE1240 NTE-NTE1240 Datasheet
72Kb / 2P
Integrated Circuit Audio Power Amp, 5.5W
NTE1241 NTE-NTE1241 Datasheet
68Kb / 2P
Integrated Circuit Head Coil/Meter Driver
NTE1248 NTE-NTE1248 Datasheet
22Kb / 3P
Integrated Circuit Phase Lock Loop (PLL) FM Multiplex Stereo Demod
NTE1249 NTE-NTE1249 Datasheet
20Kb / 2P
Integrated Circuit Balancd Modulator
More results


Similar Description - NTE1242

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1003 NTE-NTE1003 Datasheet
19Kb / 2P
Integrated Circuit FM/AM IF Amplifier
NTE1054 NTE-NTE1054 Datasheet
19Kb / 2P
Integrated Circuit FM/AM IF Amp
NTE1060 NTE-NTE1060 Datasheet
18Kb / 2P
Integrated Circuit AM-RF Amp, Mix/OSC, FM-AM IF Amp
NTE1072 NTE-NTE1072 Datasheet
17Kb / 1P
Integrated Circuit FM-AM IF Amp & AF Amp
NTE1301 NTE-NTE1301 Datasheet
21Kb / 2P
Integrated Circuit AM/FM IF
NTE1487 NTE-NTE1487 Datasheet
19Kb / 2P
Integrated Circuit AM RF Converter, IF Amp
NTE1557 NTE-NTE1557 Datasheet
21Kb / 3P
Integrated Circuit FM/AM IF System
NTE1563 NTE-NTE1563 Datasheet
19Kb / 2P
Integrared Circuit AM Tuner, AM/FM IF Amp
NTE1842 NTE-NTE1842 Datasheet
26Kb / 3P
Integrated Circuit FM/AM IF System
logo
Panasonic Semiconductor
AN7273 PANASONIC-AN7273 Datasheet
81Kb / 5P
AM Tuner, FM/AM IF Amplifier Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com