Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74AC540F Datasheet (PDF) - Toshiba Semiconductor

TC74AC540F Datasheet PDF - Toshiba Semiconductor
Part # TC74AC540F
Download  TC74AC540F Download
File Size   285.77 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC

TC74AC540F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74AC540F Datasheet PDF - Toshiba Semiconductor

Part # TC74AC540F
Download  TC74AC540F Click to download

File Size   285.77 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC

TC74AC540F Datasheet (HTML) - Toshiba Semiconductor


TC74AC540F Product details

Octal Bus Buffer

TC74AC540P/F/FT Inverting, 3-State Outputs
TC74AC541P/F/FT Non-Inverting, 3-State Outputs

The TC74AC540/TC74AC541 are advanced high speed CMOS OCTAL BUS BUFFERs fabricated with silicon gate and double-layer metal wiring C2MOS technology. They achieve the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power
dissipation. The TC74AC540 is an inverting type, and the TC74AC541 is a non-inverting type.

Features
•  High speed: tpd= 4.0 ns (typ.) at VCC= 5 V
•  Low power dissipation: ICC= 8 μA (max) at Ta = 25°C
•  High noise immunity: VNIH= VNIL= 28% VCC(min)
•  Symmetrical output impedance: |IOH| = IOL= 24 mA (min)
                                            Capability of driving 50 Ω transmission lines.
•  Balanced propagation delays: tpLH∼  − tpHL
•  Wide operating voltage range: VCC (opr)= 2 to 5.5 V
•  Pin and function compatible with 74F540/541




Similar Part No. - TC74AC540F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC540F TOSHIBA-TC74AC540F Datasheet
237Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74AC540FT TOSHIBA-TC74AC540FT Datasheet
237Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
More results


Similar Description - TC74AC540F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SET125F TOSHIBA-TC7SET125F Datasheet
176Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SG00AFS TOSHIBA-TC7SG00AFS Datasheet
175Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS11NLU TOSHIBA-TCS11NLU_14 Datasheet
199Kb / 6P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS40DLR TOSHIBA-TCS40DLR Datasheet
219Kb / 7P
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
2015-04-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com