Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC66F840 Datasheet (PDF) - Holtek Semiconductor Inc

BC66F840 Datasheet PDF - Holtek Semiconductor Inc
Part # BC66F840
Download  BC66F840 Download
File Size   7029.81 Kbytes
Page   242 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 2.4GHz Flash RF TX/RX MCU

BC66F840 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC66F840 Datasheet PDF - Holtek Semiconductor Inc

Part # BC66F840
Download  BC66F840 Click to download

File Size   7029.81 Kbytes
Page   242 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 2.4GHz Flash RF TX/RX MCU

BC66F840 Datasheet (HTML) - Holtek Semiconductor Inc




Similar Part No. - BC66F840

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BC66F2430 HOLTEK-BC66F2430 Datasheet
6Mb / 136P
315/433MHz RF Super-Regenerative Receiver SoC A/D Flash MCU
More results


Similar Description - BC66F840

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
2.4GHz RF Transceiver
logo
Maxim Integrated Produc...
MAX2822 MAXIM-MAX2822 Datasheet
542Kb / 28P
2.4GHz 802.11b Zero-IF Transceiver with Integrated PA and Tx/Rx Switch
Rev 0; 7/03
logo
TEMIC Semiconductors
U2760B TEMIC-U2760B Datasheet
181Kb / 14P
CT2-RX/TX IC
logo
Maxim Integrated Produc...
MAX2830 MAXIM-MAX2830 Datasheet
747Kb / 33P
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 1; 7/09
MAX2830 MAXIM-MAX2830_11 Datasheet
777Kb / 33P
2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 2; 3/11
logo
Holtek Semiconductor In...
HT66F03T3 HOLTEK-HT66F03T3 Datasheet
152Kb / 14P
8-Bit Flash MCU with RF Transmitter
BC68F0031 HOLTEK-BC68F0031 Datasheet
6Mb / 148P
I/O RF Transparent Transmission Flash MCU
BC68F2123 HOLTEK-BC68F2123 Datasheet
6Mb / 117P
Sub-1GHz OOK/FSK TX Soc 1K Flash MCU
BC68F2130 HOLTEK-BC68F2130 Datasheet
8Mb / 148P
Sub-1GHz RF Transmitter Flash MCU
BC68FB540 HOLTEK-BC68FB540 Datasheet
7Mb / 200P
I/O Flash USB 8-Bit MCU with 2.4GHz RF Transceiver
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com