Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ODD-AXU-051 Datasheet (PDF) - OptoDiode Corp

ODD-AXU-051 Datasheet PDF - OptoDiode Corp
Part # ODD-AXU-051
Download  ODD-AXU-051 Download
File Size   333.47 Kbytes
Page   2 Pages
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp
Description PHOTODIODE 63 mm2

ODD-AXU-051 Datasheet (PDF)

Go To PDF Page Download Datasheet
ODD-AXU-051 Datasheet PDF - OptoDiode Corp

Part # ODD-AXU-051
Download  ODD-AXU-051 Click to download

File Size   333.47 Kbytes
Page   2 Pages
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp
Description PHOTODIODE 63 mm2

ODD-AXU-051 Datasheet (HTML) - OptoDiode Corp




Similar Part No. - ODD-AXU-051

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
ODD-AXU-058 OPTODIODE-ODD-AXU-058 Datasheet
261Kb / 2P
PHOTODIODE 1 mm2
More results


Similar Description - ODD-AXU-051

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
UVG5 OPTODIODE-UVG5 Datasheet
407Kb / 2P
PHOTODIODE 5 mm2
ODD-AXU-058 OPTODIODE-ODD-AXU-058 Datasheet
261Kb / 2P
PHOTODIODE 1 mm2
ODD-SXU-051 OPTODIODE-ODD-SXU-051 Datasheet
287Kb / 2P
PHOTODIODE 20 mm2
AXUV63HS1-CH OPTODIODE-AXUV63HS1-CH_15 Datasheet
444Kb / 2P
PHOTODIODE 63 mm2
AXUVHS5 OPTODIODE-AXUVHS5_15 Datasheet
261Kb / 2P
PHOTODIODE 1 mm2
AXUVHS6 OPTODIODE-AXUVHS6_15 Datasheet
264Kb / 2P
PHOTODIODE 0.0008 mm2
SXUV5 OPTODIODE-SXUV5_15 Datasheet
364Kb / 2P
PHOTODIODE 2.5 mm2
SXUV20C OPTODIODE-SXUV20C Datasheet
287Kb / 2P
PHOTODIODE 20 mm2
UVG100 OPTODIODE-UVG100_18 Datasheet
227Kb / 2P
Photodiode 100 mm2
UVG20C OPTODIODE-UVG20C_15 Datasheet
368Kb / 2P
PHOTODIODE 20 mm2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com