Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39V040FA Datasheet (PDF) - Winbond

W39V040FA Datasheet PDF - Winbond
Part # W39V040FA
Download  W39V040FA Download
File Size   518.43 Kbytes
Page   36 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE

W39V040FA Datasheet (PDF)

Go To PDF Page Download Datasheet
W39V040FA Datasheet PDF - Winbond

Part # W39V040FA
Download  W39V040FA Click to download

File Size   518.43 Kbytes
Page   36 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE

W39V040FA Datasheet (HTML) - Winbond


W39V040FA Product details

GENERAL DESCRIPTION

The W39V040FA is a 4-megabit, 3.3-volt only CMOS flash memory organized as 512K × 8 bits. For flexible erase capability, the 4Mbits of data are divided into 8 uniform sectors of 64 Kbytes, which are composed of 16 smaller even pages with 4 Kbytes. The device can be programmed and erased in system with a standard 3.3V power supply. A 12-volt VPP is not required. The unique cell architecture of the W39V040FA results in fast program/erase operations with extremely low current consumption.

This device can operate at two modes, Programmer bus interface mode and FWH bus interface mode. As in the Programmer interface mode, it acts like the traditional flash but with a multiplexed address inputs. But in the FWH interface mode, this device complies with the Intel FWH specification. The device can also be programmed and erased using standard EPROM programmers.



FEATURES

• Single 3.3-volt operations:

− 3.3-volt read

− 3.3-volt erase

− 3.3-volt program

• Fast Program operation:

− Byte-by-Byte programming: 35 µS (typ.)

• Fast erase operation:

− Chip erase 100 mS (max.)

− Sector erase 25 mS (max.)

− Page erase 25 mS (max.)

• Fast Read access time: Tkq 11 nS

• Endurance: 10K cycles (typ.)

• Twenty-year data retention

• 8 Even sectors with 64K bytes each, which is composed of 16 flexible pages with 4K bytes

• Any individual sector or page can be erased

• Hardware protection:

− Optional 16K byte or 64K byte Top Boot Block with lockout protection

− #TBL & #WP support the whole chip hardware protection

• Flexible 4K-page size can be used as Parameter Blocks

• Low power consumption

− Active current: 12.5 mA (typ. for FWH mode)

• Automatic program and erase timing with internal VPP generation

• End of program or erase detection

− Toggle bit

− Data polling

• Latched address and data

• TTL compatible I/O

• Available packages: 32L PLCC, 32L STSOP, 40L TSOP (10 x 20 mm)




Similar Part No. - W39V040FA

ManufacturerPart #DatasheetDescription
logo
Winbond
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FBP WINBOND-W39V040FBP Datasheet
365Kb / 33P
512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FBPZ WINBOND-W39V040FBPZ Datasheet
365Kb / 33P
512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FBQ WINBOND-W39V040FBQ Datasheet
365Kb / 33P
512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FBQZ WINBOND-W39V040FBQZ Datasheet
365Kb / 33P
512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
More results


Similar Description - W39V040FA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Winbond
W29C040 WINBOND-W29C040 Datasheet
261Kb / 20P
512K X 8 CMOS FLASH MEMORY
W49V002FA WINBOND-W49V002FA Datasheet
300Kb / 32P
256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
logo
ATMEL Corporation
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
8-Megabit 512K x 16 CMOS Flash Memory
logo
fujitsu semiconductor
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
512K (64K x 8) CMOS FLASH MEMORY
logo
Winbond
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V080FA WINBOND-W39V080FA Datasheet
296Kb / 35P
1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FC WINBOND-W39V040FC Datasheet
363Kb / 36P
512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FB WINBOND-W39V040FB_07 Datasheet
346Kb / 34P
512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com