Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W682510 Datasheet (PDF) - Winbond

W682510 Datasheet PDF - Winbond
Part # W682510
Download  W682510 Download
File Size   1310.73 Kbytes
Page   35 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description DUAL-CHANNEL VOICEBAND CODECS

W682510 Datasheet (PDF)

Go To PDF Page Download Datasheet
W682510 Datasheet PDF - Winbond

Part # W682510
Download  W682510 Click to download

File Size   1310.73 Kbytes
Page   35 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description DUAL-CHANNEL VOICEBAND CODECS

W682510 Datasheet (HTML) - Winbond


W682510 Product details

GENERAL DESCRIPTION
The W682510 and W682310 are general-purpose dual channel PCM CODECs with pin-selectable μ-Law or A-Law companding. The device is compliant with the ITU G.712 specification. It operates from a single power supply (+5V for the W682510, +3V for the W682310) and is available in 20-pin PDIP (W682510 only), SSOP, and 24-pin SOP package options. Functions performed include digitization and reconstruction of voice signals, and band limiting and smoothing filters required for PCM systems. The filters are compliant with ITU G.712 specification. The W682510 and W682310 performance is specified over the industrial temperature range of –40°C to +85°C.

FEATURES
• Single power supply
   o 4.5V to 5.5V (W682510)
   o 2.7V to 3.8V (W682310)
• Typical power dissipation of 35 mW, power-down mode of 5 μW
• Fully-differential analog circuit design
• On-chip precision reference
   o W682510: 1.73V for a 0.8 dBm 0TLP at 600 Ω
   o W682310: 1.41V reference for a 0TLP of –3.8 dBm into 1200 Ω
• Pin-selectable μ-Law and A-Law companding (compliant with ITU G.711)
• CODEC A/D and D/A filtering compliant with ITU G.712
• Industrial temperature range (–40°C to +85°C)
• Three packages: 20-pin SSOP, 20-pin PDIP, and 24-pin SOP

APPLICATIONS
• Digital Telephone Systems
• Central Office Equipment (Gateways,Switches, Routers)
• PBX Systems (Gateways, Switches)
• PABX/SOHO Systems
• Hands free system
• Speakerphone devices
• VoIP Terminals
• Enterprise Phones
• ISDN Terminals
• Analog line cards




Similar Part No. - W682510

ManufacturerPart #DatasheetDescription
logo
Winbond
W682510 WINBOND-W682510 Datasheet
389Kb / 35P
DUAL-CHANNEL VOICEBAND CODECS
W682510 WINBOND-W682510_05 Datasheet
389Kb / 35P
DUAL-CHANNEL VOICEBAND CODECS
More results


Similar Description - W682510

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
SINGLE-CHANNEL VOICEBAND CODEC
W682510 WINBOND-W682510_05 Datasheet
389Kb / 35P
DUAL-CHANNEL VOICEBAND CODECS
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
SINGLE-CHANNEL VOICEBAND CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com