Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR-T7295 Datasheet (PDF) - Exar Corporation

XR-T7295 Datasheet PDF - Exar Corporation
Part # XR-T7295
Download  XR-T7295 Download
File Size   226.26 Kbytes
Page   20 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description DS3/Sonet STS-1 Integrated Line Receiver

XR-T7295 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR-T7295 Datasheet PDF - Exar Corporation

Part # XR-T7295
Download  XR-T7295 Click to download

File Size   226.26 Kbytes
Page   20 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description DS3/Sonet STS-1 Integrated Line Receiver

XR-T7295 Datasheet (HTML) - Exar Corporation


XR-T7295 Product details

GENERAL DESCRIPTION
The XR-T7295 DS3/SONET STS-1 integrated line receiver is a fully integrated receive interface that terminates a bipolar DS3 (44.736Mbps) or Sonet STS-1 (51.84Mbps) signal transmitted over coaxial cable. (See Figure 13).

FEATURES
● Fully Integrated Receive Interface for DS3 and
   STS-1 Rate Signals
● Integrated Equalization (Optional) and Timing
   Recovery
● Loss-of-Signal and Loss-of-Lock Alarms
● Variable Input Sensitivity Control
● 5V Power Supply
● Pin Compatible with XR-T7295E
● Companion Device to T7296 Transmitter

APPLICATIONS
● Interface to DS-3 Networks
● Digital Cross-Connect Systems
● CSU/DSU Equipment
● PCM Test Equipment
● Fiber Optic Terminals




Similar Part No. - XR-T7295

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T7295E EXAR-XR-T7295E Datasheet
1Mb / 16P
INTEGRATED LINE RECEIVER
XR-T7295E-1EIP EXAR-XR-T7295E-1EIP Datasheet
1Mb / 16P
INTEGRATED LINE RECEIVER
XR-T7295E-1EIW EXAR-XR-T7295E-1EIW Datasheet
1Mb / 16P
INTEGRATED LINE RECEIVER
More results


Similar Description - XR-T7295

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2500B AKM-AK2500B Datasheet
78Kb / 17P
DS3/STS-1 Analog Line Receiver
logo
Exar Corporation
XRT7295AT EXAR-XRT7295AT Datasheet
1Mb / 18P
DS3/Sonet STS-1 Integrated Line Receiver
XRT7298 EXAR-XRT7298 Datasheet
582Kb / 16P
DS3/STS-1, E3 INTEGRATED LINE TRANSMITTER
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT7295AE EXAR-XRT7295AE Datasheet
1Mb / 18P
DS3/Sonet STS-1 Integrated Line Receiver
XR-T7296 EXAR-XR-T7296 Datasheet
173Kb / 16P
DS3/STS-1, E3 Integrated Line Transmitter
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT7295AT EXAR-XRT7295AT_10 Datasheet
123Kb / 2P
DS3 SONET STS1 Integrated Line Receiver
XRT7296 EXAR-XRT7296_10 Datasheet
124Kb / 2P
XRT7296 DS3 STS-1 E3 Integrated Line Transmitter
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com