Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2586 Datasheet (PDF) - Sony Corporation

CXA2586 Datasheet PDF - Sony Corporation
Part # CXA2586
Download  CXA2586 Download
File Size   41.84 Kbytes
Page   2 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Ultrahigh-Speed (100 MHz) Photodetector IC

CXA2586 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA2586 Datasheet PDF - Sony Corporation

Part # CXA2586
Download  CXA2586 Click to download

File Size   41.84 Kbytes
Page   2 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Ultrahigh-Speed (100 MHz) Photodetector IC

CXA2586 Datasheet (HTML) - Sony Corporation


CXA2586 Product details

Description
CXA2586M is a PDIC (photodetector IC) developed as a photodetector for the optical pickup of CD-ROM/DVD-ROM.
The photodiode and circuit blocks operate at high speed. (Typ. 100MHz)

    • Focus servo : astigmatic method
    • Tracking servo (CD) : three-spot method
    • Tracking servo (DVD) : differential phase detection method

Features
• High-speed I-V amplifier (current-voltage conversion circuit)
• High-speed photodiode
• Adding amplifier (addition of A to D)
• Compact transparent molded package (SOP)

Applications
    Optical pickup for CD-ROM/DVD-ROM




Similar Part No. - CXA2586

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2586 SONY-CXA2586 Datasheet
91Kb / 8P
PDIC for CD-ROM/DVD-ROM
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
PDIC for CD-ROM/DVD-ROM
More results


Similar Description - CXA2586

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9768 AD-AD9768 Datasheet
103Kb / 4P
Ultrahigh Speed IC D/A Converter
REV.A
logo
Sanyo Semicon Device
CPH3418 SANYO-CPH3418 Datasheet
27Kb / 4P
Ultrahigh-Speed Switching Applications
2SK3614 SANYO-2SK3614 Datasheet
59Kb / 4P
UltraHigh-Speed Switching Applications
MCH3445 SANYO-MCH3445 Datasheet
46Kb / 3P
Ultrahigh-Speed Switching Applications
CPH6412 SANYO-CPH6412 Datasheet
37Kb / 4P
Ultrahigh-Speed Switching Applications
FTS1011 SANYO-FTS1011 Datasheet
31Kb / 4P
Ultrahigh-Speed Switching Applications
MCH3319 SANYO-MCH3319 Datasheet
33Kb / 4P
Ultrahigh-Speed Switching Applications
logo
JDS Uniphase Corporatio...
ETX100RFL JDSU-ETX100RFL Datasheet
178Kb / 5P
High Speed InGaAs Photodetector Receptacle Modules
logo
Analog Devices
AD9768 AD-AD9768_15 Datasheet
107Kb / 4P
Ultrahigh Speed IC D/A Converter
REV. A
logo
Finisar Corporation.
XPDV412XR FINISAR-XPDV412XR Datasheet
215Kb / 5P
Ultra-Fast 100 GHz Photodetector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com