Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL1010T Datasheet (PDF) - II-VI Marlow, Inc.

NL1010T Datasheet PDF - II-VI Marlow, Inc.
Part # NL1010T
Download  NL1010T Download
File Size   144.75 Kbytes
Page   2 Pages
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.
Description Single-Stage Thermoelectric Cooler

NL1010T Datasheet (PDF)

Go To PDF Page Download Datasheet
NL1010T Datasheet PDF - II-VI Marlow, Inc.

Part # NL1010T
Download  NL1010T Click to download

File Size   144.75 Kbytes
Page   2 Pages
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.
Description Single-Stage Thermoelectric Cooler

NL1010T Datasheet (HTML) - II-VI Marlow, Inc.


NL1010T Product details

TYPICAL PERFORMANCE VALUES
Hot Side Temperature (°C) 27°C 50°C
∆ Tmax (°C-dry N2): 61 67
Qmax (watts):          0.47 0.53
Imax (amps):           1.0 1.0
Vmax (vdc):            0.8 1.0
AC Resistance (ohms):  0.75 --




Similar Part No. - NL1010T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NL1010T ETC2-NL1010T Datasheet
162Kb / 2P
Thermoelectric Cooler
logo
II-VI Marlow, Inc.
NL1010T VIMARLOW-NL1010T Datasheet
501Kb / 2P
Single-Stage Thermoelectric Module
logo
List of Unclassifed Man...
NL1010T-01 ETC2-NL1010T-01 Datasheet
162Kb / 2P
Thermoelectric Cooler
logo
II-VI Marlow, Inc.
NL1010T-01 VIMARLOW-NL1010T-01 Datasheet
501Kb / 2P
Single-Stage Thermoelectric Module
logo
List of Unclassifed Man...
NL1010T-02 ETC2-NL1010T-02 Datasheet
162Kb / 2P
Thermoelectric Cooler
More results


Similar Description - NL1010T

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
RC12-9 VIMARLOW-RC12-9 Datasheet
155Kb / 2P
Single-Stage Thermoelectric Cooler
TR060-6.5-40 VIMARLOW-TR060-6.5-40 Datasheet
285Kb / 3P
Single-Stage Thermoelectric Cooler
XLT3-4 VIMARLOW-XLT3-4 Datasheet
120Kb / 2P
Single-Stage Thermoelectric Cooler
XLT2393 VIMARLOW-XLT2393 Datasheet
153Kb / 2P
Single-Stage Thermoelectric Cooler
XLT2404 VIMARLOW-XLT2404 Datasheet
239Kb / 2P
Single-Stage Thermoelectric Cooler
XLT2416 VIMARLOW-XLT2416 Datasheet
179Kb / 2P
Single-Stage Thermoelectric Cooler
XLT2427 VIMARLOW-XLT2427 Datasheet
138Kb / 2P
Single-Stage Thermoelectric Cooler
NL1011T VIMARLOW-NL1011T Datasheet
136Kb / 2P
Single-Stage Thermoelectric Cooler
NL1020T VIMARLOW-NL1020T Datasheet
299Kb / 3P
Single-Stage Thermoelectric Cooler
CM29-1.9 VIMARLOW-CM29-1.9 Datasheet
237Kb / 3P
Single-Stage Thermoelectric Cooler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com