Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGRF1000 Datasheet (PDF) - Littelfuse

AGRF1000 Datasheet PDF - Littelfuse
Part # AGRF1000
Download  AGRF1000 Download
File Size   355.55 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Overcurrent Protection Device

AGRF1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
AGRF1000 Datasheet PDF - Littelfuse

Part # AGRF1000
Download  AGRF1000 Click to download

File Size   355.55 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Overcurrent Protection Device

AGRF1000 Datasheet (HTML) - Littelfuse


AGRF1000 Product details

Electrical Rating
   Voltage: 16VDC MAX
Insulating Material:
    Cured, Flame Retardant Epoxy Polymer
Lead Material:
   20 AWG Tin Plated Copper (0.8 mm [0.032] nom. diameter)




Similar Part No. - AGRF1000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AGRF1000 MACOM-AGRF1000 Datasheet
322Kb / 22P
PolySwitch Resettable Devices Automotive Devices
AGRF1000 MACOM-AGRF1000 Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
AGRF1000 MACOM-AGRF1000 Datasheet
289Kb / 26P
PolySwitch Resettable Devices
AGRF1000-2 MACOM-AGRF1000-2 Datasheet
322Kb / 22P
PolySwitch Resettable Devices Automotive Devices
AGRF1000-AP MACOM-AGRF1000-AP Datasheet
322Kb / 22P
PolySwitch Resettable Devices Automotive Devices
More results


Similar Description - AGRF1000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TRF250-145U MACOM-TRF250-145U Datasheet
82Kb / 1P
Overcurrent Protection Device
RHEF800 MACOM-RHEF800 Datasheet
38Kb / 1P
Overcurrent Protection Device
logo
Littelfuse
AGRF800 LITTELFUSE-AGRF800 Datasheet
370Kb / 2P
Overcurrent Protection Device
AGRF1100 LITTELFUSE-AGRF1100 Datasheet
354Kb / 2P
Overcurrent Protection Device
AHEF1000 LITTELFUSE-AHEF1000 Datasheet
262Kb / 2P
Overcurrent Protection Device
AHRF100 LITTELFUSE-AHRF100 Datasheet
335Kb / 2P
Overcurrent Protection Device
AHRF600 LITTELFUSE-AHRF600 Datasheet
325Kb / 2P
Overcurrent Protection Device
AHRF1300 LITTELFUSE-AHRF1300 Datasheet
278Kb / 2P
Overcurrent Protection Device
ASMD150F LITTELFUSE-ASMD150F Datasheet
97Kb / 2P
Overcurrent Protection Device
RGEF300-1 LITTELFUSE-RGEF300-1 Datasheet
88Kb / 2P
Overcurrent Protection Device
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com