Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN15-383 Datasheet (PDF) - NIHON DEMPA KOGYO

MN15-383 Datasheet PDF - NIHON DEMPA KOGYO
Part # MN15-383
Download  MN15-383 Download
File Size   461.97 Kbytes
Page   1 Pages
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO
Description 4 Pole MCF

MN15-383 Datasheet (PDF)

Go To PDF Page Download Datasheet
MN15-383 Datasheet PDF - NIHON DEMPA KOGYO

Part # MN15-383
Download  MN15-383 Click to download

File Size   461.97 Kbytes
Page   1 Pages
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO
Description 4 Pole MCF

MN15-383 Datasheet (HTML) - NIHON DEMPA KOGYO




Similar Part No. - MN15-383

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
MN15-317 NDK-MN15-317 Datasheet
492Kb / 1P
4 Pole MCF (Built-in coupling capacitor)
MN15-319 NDK-MN15-319 Datasheet
492Kb / 1P
4 Pole MCF (Built-in coupling capacitor)
MN15-320 NDK-MN15-320 Datasheet
492Kb / 1P
4 Pole MCF (Built-in coupling capacitor)
MN15-358 NDK-MN15-358 Datasheet
950Kb / 2P
Surface-mount Type 2 Pole MCF
MN15-359 NDK-MN15-359 Datasheet
950Kb / 2P
Surface-mount Type 2 Pole MCF
More results


Similar Description - MN15-383

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS3-45A01 ETC-TS3-45A01 Datasheet
105Kb / 1P
3-pole MCF
logo
NIHON DEMPA KOGYO
10A7.5CB NDK-10A7.5CB Datasheet
84Kb / 1P
10.7 MHz- and 21.4 MHz-Series MCF
45S7.5AA NDK-45S7.5AA Datasheet
82Kb / 1P
Fundamental 45MHz-Series MCF
45NE7.5BB NDK-45NE7.5BB Datasheet
86Kb / 1P
45-90 MHz-Series MCF
21E7.5AD NDK-21E7.5AD_17 Datasheet
950Kb / 2P
Surface-mount Type 2 Pole MCF
21SC15BB NDK-21SC15BB Datasheet
492Kb / 1P
4 Pole MCF (Built-in coupling capacitor)
21SC15BB NDK-21SC15BB_18 Datasheet
497Kb / 1P
4 Pole SMD MCF
45EE7.5A NDK-45EE7.5A_18 Datasheet
452Kb / 1P
4 Pole SMD MCF
21E7.5AD NDK-21E7.5AD_18 Datasheet
952Kb / 2P
2 Pole SMD MCF
logo
WAGO Kontakttechnik Gmb...
756-9301-040-000 WAGO-756-9301-040-000 Datasheet
163Kb / 3P
Accessories; 4-pole
22.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com