| Manufacturer | Part # | Datasheet | Description |
 Integrated Circuit Syst... |
ICS843051
|
241Kb / 15P |
FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A DECEMBER 14, 2004 |
|
ICS843001BI
|
233Kb / 13P |
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A OCTOBER 6, 2005 |
|
ICS843251-04
|
145Kb / 10P |
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005 |
|
ICS843251I-12
|
171Kb / 12P |
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
REV. A JANUARY 10, 2006 |
|
ICS843021
|
189Kb / 13P |
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. C MARCH 31, 2005 |
|
ICS843252-04
|
161Kb / 12P |
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006 |
 Integrated Device Techn... |
ICS843241I-04
|
283Kb / 14P |
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
|
|
843031-01
|
343Kb / 16P |
FemtoClocks Crystal-to-3.3V, 2.5V LVPECL Clock Generator
|
|
NV021
|
164Kb / 14P |
Femtoclocks Crystal-to-3.3V LVPECL Clock Generator
|
 Renesas Technology Corp |
NV021
|
354Kb / 15P |
Femtoclocks™ Crystal-to-3.3V LVPECL Clock Generator
January 26, 2016 |