Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C64 Datasheet (PDF) - Integrated Silicon Solution, Inc

IS24C64 Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS24C64
Download  IS24C64 Download
File Size   81.96 Kbytes
Page   11 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM

IS24C64 Datasheet (PDF)

Go To PDF Page Download Datasheet
IS24C64 Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS24C64
Download  IS24C64 Click to download

File Size   81.96 Kbytes
Page   11 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM

IS24C64 Datasheet (HTML) - Integrated Silicon Solution, Inc


IS24C64 Product details

DESCRIPTION
The IS24C64-2 is a 1.8V (1.8V-5.5V) 64K-bit (8192 x 8) Electrically Erasable PROM, IS24C64-3 is a 2.5V (2.5V-5.5V) 64K-bit (8192 x 8) Electrically Erasable PROM, IS24C32-2 is a 1.8V (1.8V-5.5V) 32K-bit (4096 x 8) Electrically Erasable PROM and the IS24C32-3 is a 2.5V (2.5V-5.5V) 32K-bit (4096 x 8) Electrically Erasable PROM.

FEATURES
• Low Power CMOS Technology
    – Standby Current less than 10 µA (5.5V)
    – Read Current (typical) less than 1 mA (5.5V)
    – Write Current (typical) less than 3 mA (5.5V)
• Low Voltage Operation
    – IS24C64-2 & IS24C32-2: Vcc = 1.8V to 5.5V
    – IS24C64-3 & IS24C32-3: Vcc = 2.5V to 5.5V
• 100 KHz (1.8V) and 400 KHz (5V) Compatibility
• Hardware Data Protection
    – Write Protect Pin
• Sequential Read Feature
• Filtered Inputs for Noise Suppression
• 8-pin PDIP and 8-pin SOIC packages
• Self time write cycle with auto clear
    – 5 ms @ 2.5V
• Organization:
    – IS24C64-2 and IS24C64-3: 8192x8
    – IS24C32-2 and IS24C32-3: 4096x8
• 32-Byte Page Write Buffer
• Two-Wire Serial Interface
    – Bi-directional data transfer protocol
• High Reliability
    – Endurance: 1,000,000 Cycles
    – Data Retention: 100 Years
• Commercial and Industrial temperature ranges




Similar Part No. - IS24C64

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C64A ISSI-IS24C64A Datasheet
132Kb / 17P
64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C64A-2GI ISSI-IS24C64A-2GI Datasheet
132Kb / 17P
64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C64A-2GLI ISSI-IS24C64A-2GLI Datasheet
132Kb / 17P
64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C64A-2PI ISSI-IS24C64A-2PI Datasheet
132Kb / 17P
64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C64A-2PLI ISSI-IS24C64A-2PLI Datasheet
132Kb / 17P
64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Similar Description - IS24C64

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
24C256 ISSI-24C256 Datasheet
51Kb / 12P
262,144-bit 2-WIRE SERIAL CMOS EEPROM
24C128 ISSI-24C128 Datasheet
53Kb / 12P
131,072-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
MTV24C08 ETC-MTV24C08 Datasheet
103Kb / 14P
2-Wire 8912-Bit Serial CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32A ISSI-IS24C32A Datasheet
132Kb / 17P
64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32C ISSI-IS24C32C Datasheet
187Kb / 20P
32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
128K-bit 2-WIRE SERIAL CMOS EEPROM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com