Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52756SP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M52756SP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M52756SP
Download  M52756SP Download
File Size   585.19 Kbytes
Page   19 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description WIDE BAND ANALOG SWITCH

M52756SP Datasheet (PDF)

Go To PDF Page Download Datasheet
M52756SP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M52756SP
Download  M52756SP Click to download

File Size   585.19 Kbytes
Page   19 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description WIDE BAND ANALOG SWITCH

M52756SP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M52756SP Product details

DESCRIPTION
The M52756SP is a semiconductor integrated circuit for the RGBHV interface. The device features switching signals input from two types of image sources and outputting the signals to the CRT display, etc. Synchronous signals, meeting a frequency band of 10kHz to 200kHz, are output at TTL. The frequency band of video signals is 250MHz, acquiring high resolution images, and are optimum as an interface IC with high-resolution CRT display and various new media.

DESCRIPTION
• Frequency band: RGB ............................................250MHz
                               HV...................................10kHz to 200kHz
• Input level: RGB................................................0.7Vp-p(typ.)
                     HV TTL input....................3.5Vo-p(both channel)
• RGBOUT can drive connected load of 75W.
• Only the G channel is provided with sync-on video output.
• The TTL format is adopted for HV output.
• It is possible to save the consumption current by stopping
   current supply to Pin 2, 4, 24, 27, 30.
• Sync Separation circuit

APPLICATION
   Display monitor




Similar Part No. - M52756SP

ManufacturerPart #DatasheetDescription
logo
ITT Industries
M527534-12 ITT-M527534-12 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
logo
Mitsubishi Electric Sem...
M52755FP MITSUBISHI-M52755FP Datasheet
69Kb / 9P
WIDE BAND ANALOG SWITCH
M52757FP MITSUBISHI-M52757FP Datasheet
229Kb / 5P
WIDE BAND ANALOG SWITCH
logo
Renesas Technology Corp
M52757FP RENESAS-M52757FP Datasheet
196Kb / 7P
Wide Band Analog Switch
logo
Mitsubishi Electric Sem...
M52758FP MITSUBISHI-M52758FP Datasheet
178Kb / 10P
WIDE BAND ANALOG SWITCH
More results


Similar Description - M52756SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52348FP MITSUBISHI-M52348FP Datasheet
85Kb / 11P
WIDE FREQUENCY BAND ANALOG SWITCH
M52348SP MITSUBISHI-M52348SP Datasheet
67Kb / 10P
WIDE FREQUENCY BAND ANALOG SWITCH
M52755FP MITSUBISHI-M52755FP Datasheet
69Kb / 9P
WIDE BAND ANALOG SWITCH
M52757FP MITSUBISHI-M52757FP Datasheet
229Kb / 5P
WIDE BAND ANALOG SWITCH
M52758SP MITSUBISHI-M52758SP Datasheet
178Kb / 10P
WIDE BAND ANALOG SWITCH
logo
Renesas Technology Corp
M61324SP RENESAS-M61324SP Datasheet
4Mb / 16P
WIDE FREQUENCY BAND ANALOG SWITCH
M52757FP RENESAS-M52757FP Datasheet
196Kb / 7P
Wide Band Analog Switch
M61323SP RENESAS-M61323SP Datasheet
295Kb / 20P
Wide Frequency Band Analog Switch
logo
Mitsubishi Electric Sem...
M61323SP MITSUBISHI-M61323SP Datasheet
130Kb / 15P
WIDE FREQUENCY BAND ANALOG SWITCH
logo
Renesas Technology Corp
M52758SP RENESAS-M52758SP Datasheet
156Kb / 17P
Wide Band Analog Switch
Mar 31, 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com