Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5225A Datasheet (PDF) - First Components International

1N5225A Datasheet PDF - First Components International
Part # 1N5225A
Download  1N5225A Download
File Size   162.81 Kbytes
Page   3 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description ZENER DIODES (2.4V to 200V)

1N5225A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5225A Datasheet PDF - First Components International

Part # 1N5225A
Download  1N5225A Click to download

File Size   162.81 Kbytes
Page   3 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description ZENER DIODES (2.4V to 200V)

1N5225A Datasheet (HTML) - First Components International


1N5225A Product details

Features
■ 5 & 10% VOLTAGE TOLERANCES AVAILABLE
■ WIDE VOLTAGE RANGE
■ MEETS UL SPECIFICATION 94V-0




Similar Part No. - 1N5225A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N5225A FCI-1N5225A Datasheet
159Kb / 3P
1/2 Watt ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5225A NJSEMI-1N5225A Datasheet
114Kb / 1P
GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
logo
Microsemi Corporation
1N5225AUR MICROSEMI-1N5225AUR Datasheet
149Kb / 3P
500 mW GLASS SURFACE MOUNT ZENER DIODES
More results


Similar Description - 1N5225A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BZY47C3V3 FCI-BZY47C3V3 Datasheet
81Kb / 2P
ZENER DIODES (3.3V to 200V)
BZX55C2V4 FCI-BZX55C2V4 Datasheet
114Kb / 2P
1/2 Watt ZENER DIODES (2.4V to 91V)
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
1/2 Watt ZENER DIODES (2.4V to 75V)
logo
Chenmko Enterprise Co. ...
1N5221PT CHENMKO-1N5221PT Datasheet
132Kb / 4P
SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 200V
logo
First Components Intern...
1N5221A FCI-1N5221A Datasheet
162Kb / 3P
ZENER DIODES (2.4V to 200V)
1N5222A FCI-1N5222A Datasheet
162Kb / 3P
ZENER DIODES (2.4V to 200V)
1N5223A FCI-1N5223A Datasheet
162Kb / 3P
ZENER DIODES (2.4V to 200V)
1N5224A FCI-1N5224A Datasheet
162Kb / 3P
ZENER DIODES (2.4V to 200V)
1N5227A FCI-1N5227A Datasheet
162Kb / 3P
쩍 Watt ZENER DIODES (2.4V to 200V)
1N5228A FCI-1N5228A Datasheet
162Kb / 3P
쩍 Watt ZENER DIODES (2.4V to 200V)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com