Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE153 Datasheet (PDF) - NTE Electronics

NTE153 Datasheet PDF - NTE Electronics
Part # NTE153
Download  NTE153 Download
File Size   21.34 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Audio Power Amplifier, Switch

NTE153 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE153 Datasheet PDF - NTE Electronics

Part # NTE153
Download  NTE153 Click to download

File Size   21.34 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Audio Power Amplifier, Switch

NTE153 Datasheet (HTML) - NTE Electronics


NTE153 Product details

Description:

The NTE152 (NPN) and NTE153 (PNP) are silicon complementary transistors in a standard TO220 type package designed for general purpose medium power switching and amplifier applications.



Features:

Good Linearity of hFE



Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)

Collector–Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90V

Collector–Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90V

Emitter–Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V

Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4A

Emitter Current, IE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –4A

Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3A

Collector Power Dissipation (TC = +25°C), PC . . . . . . . . . . . . . . . . 40W

Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . –55° to +150°C




Similar Part No. - NTE153

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1530 NTE-NTE1530 Datasheet
83Kb / 3P
Integrated Circuit Audio Power Amp w/ALC, 450mW
NTE1531 NTE-NTE1531 Datasheet
29Kb / 3P
Integrated Circuit Voltage Regulator for Electronic Tuning System
NTE1533 NTE-NTE1533 Datasheet
81Kb / 4P
Integrated Circuit AM Tuner for Car Radio
NTE1534 NTE-NTE1534 Datasheet
20Kb / 2P
Integrated Circuit CMOS, Phase Lock Loop (PLL) Frequency Synthesizer for AM/FM Radio
NTE1535 NTE-NTE1535 Datasheet
20Kb / 2P
Integrated Circuit TV Sync. Horizontal/Vertical OSC
More results


Similar Description - NTE153

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE184 NTE-NTE184 Datasheet
22Kb / 2P
Silicon Complementary Transistors Audio Power Amp, Switch
NTE186A NTE-NTE186A Datasheet
21Kb / 2P
Silicon Complementary Transistors Medium Power Audio Amplifier
NTE241 NTE-NTE241 Datasheet
21Kb / 2P
Silicon Complementary Transistors Audio Power Amplifier, Switch
NTE274 NTE-NTE274 Datasheet
25Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier, Switch
NTE284 NTE-NTE284 Datasheet
22Kb / 2P
Silicon Complementary Transistors Audio Amplifier Output
NTE289 NTE-NTE289 Datasheet
23Kb / 2P
Silicon Complementary Transistors Audio Power Amplifier, Switch
NTE289A NTE-NTE289A Datasheet
21Kb / 2P
Silicon Complementary Transistors Audio Power Amplifier
NTE297 NTE-NTE297 Datasheet
20Kb / 2P
Silicon Complementary Transistors Audio Amplifier, Driver
NTE300 NTE-NTE300 Datasheet
19Kb / 2P
Silicon Complementary Transistors Audio Power Amplifier
NTE331 NTE-NTE331 Datasheet
21Kb / 2P
Silicon Complementary Transistors Audio Power Amp, Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com