Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9174AP Datasheet (PDF) - Mitel Networks Corporation

MT9174AP Datasheet PDF - Mitel Networks Corporation
Part # MT9174AP
Download  MT9174AP Download
File Size   411.67 Kbytes
Page   22 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Digital Subscriber Interface Circuit with RxSB

MT9174AP Datasheet (PDF)

Go To PDF Page Download Datasheet
MT9174AP Datasheet PDF - Mitel Networks Corporation

Part # MT9174AP
Download  MT9174AP Click to download

File Size   411.67 Kbytes
Page   22 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Digital Subscriber Interface Circuit with RxSB

MT9174AP Datasheet (HTML) - Mitel Networks Corporation


MT9174AP Product details

Description

The MT9173 (DSIC) and MT9174 (DNIC) are functionally identical to the MT9171/72 except for the addition of one feature. The MT9173/74 include a digital output pin indicating the temporal position of the received "SYNC" bit of the biphase transmission. This feature is especially useful for systems such as PCS wireless base station applications requiring close synchronization between microcells.



Features

• Receive sync output pulse

• Full duplex transmission over a single twisted pair

• Selectable 80 or 160 kbit/s line rate

• Adaptive echo cancellation

• Up to 3km (9173) and 4 km (9174) loop reach

• ISDN compatible (2B+D) data format

• Transparent modem capability

• Frame synchronization and clock extraction

• MITEL ST-BUS compatible

• Low power (typically 50 mW), single 5V supply



Applications

• TDD Digital PCS (DECT, CT2, PHS) base stations requiring cell synchronization

• Digital subscriber lines

• High speed data transmission over twisted wires

• Digital PABX line cards and telephone sets

• 80 or 160 kbit/s single chip modem



 




Similar Part No. - MT9174AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9174AP MITEL-MT9174AP Datasheet
33Kb / 4P
ISO2-CMOS ST-BUS??FAMILY Digital Network Interface Circuit with Receive Sync Marker Bit
logo
Zarlink Semiconductor I...
MT9174AP ZARLINK-MT9174AP Datasheet
613Kb / 28P
Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
More results


Similar Description - MT9174AP

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
logo
Mitel Networks Corporat...
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Zarlink Semiconductor I...
MT9173 ZARLINK-MT9173 Datasheet
613Kb / 28P
Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com