Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO3402 Datasheet (PDF) - Foshan Blue Rocket Electronics Co.,Ltd.

AO3402 Datasheet PDF - Foshan Blue Rocket Electronics Co.,Ltd.
Part # AO3402
Download  AO3402 Download
File Size   895.62 Kbytes
Page   6 Pages
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.
Description N- CHANNEL MOSFET in a SOT-23 Plastic Package

AO3402 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3402 Datasheet PDF - Foshan Blue Rocket Electronics Co.,Ltd.

Part # AO3402
Download  AO3402 Click to download

File Size   895.62 Kbytes
Page   6 Pages
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.
Description N- CHANNEL MOSFET in a SOT-23 Plastic Package

AO3402 Datasheet (HTML) - Foshan Blue Rocket Electronics Co.,Ltd.


AO3402 Product details

Descriptions
N- CHANNEL MOSFET in a SOT-23 Plastic Package.

Features
   VDS (V) = 30V
   ID = 4 A (VGS = 10V)
   RDS(ON) < 55mΩ (VGS = 10V)
   RDS(ON) < 70mΩ (VGS = 4.5V)
   RDS(ON) < 110mΩ (VGS = 2.5V)

Applications
   This device is suitable for use as a load switch or in PWM applications.




Similar Part No. - AO3402

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO3402 ETC-AO3402 Datasheet
111Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO3402 AOSMD-AO3402 Datasheet
454Kb / 5P
30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO3402 KEXIN-AO3402 Datasheet
1Mb / 4P
N-Channel enhancement mode field effect transistor
logo
Kersemi Electronic Co.,...
AO3402 KERSEMI-AO3402 Datasheet
715Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
GUANGDONG HOTTECH INDUS...
AO3402 HOTTECH-AO3402 Datasheet
335Kb / 4P
Plastic-Encapsulate Mosfets
More results


Similar Description - AO3402

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2N7002 FOSHAN-2N7002 Datasheet
901Kb / 6P
N-CHANNEL MOSFET in a SOT-23 Plastic Package
2N7002K1 FOSHAN-2N7002K1 Datasheet
1Mb / 6P
N-CHANNEL MOSFET in a SOT-23 Plastic Package
2SK3018 FOSHAN-2SK3018 Datasheet
1Mb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3400 FOSHAN-AO3400 Datasheet
776Kb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3420 FOSHAN-AO3420 Datasheet
701Kb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
BRM4N10 FOSHAN-BRM4N10 Datasheet
1Mb / 7P
N-CHANNEL MOSFET in a SOT-23 Plastic Package
BRM05N50 FOSHAN-BRM05N50 Datasheet
1Mb / 7P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2202 FOSHAN-SI2202 Datasheet
943Kb / 6P
N-CHANNEL MOSFET in a SOT-23 Plastic Package
SI2302 FOSHAN-SI2302 Datasheet
468Kb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2306 FOSHAN-SI2306 Datasheet
473Kb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com