Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7615N Datasheet (PDF) - Rohm

BA7615N Datasheet PDF - Rohm
Part # BA7615N
Download  BA7615N Download
File Size   60.75 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Video signal switcher for VTR, TV

BA7615N Datasheet (PDF)

Go To PDF Page Download Datasheet
BA7615N Datasheet PDF - Rohm

Part # BA7615N
Download  BA7615N Click to download

File Size   60.75 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Video signal switcher for VTR, TV

BA7615N Datasheet (HTML) - Rohm


BA7615N Product details

BA7615N has built-in 6dB amplifier, 75Ω driver and mute function. This IC is consisted of 4 inputs (IN1, IN2, IN3, IN4), 1 output (out) and 3 control terminals (CTL-A, CTL-B, CTL-C). Each circuit input terminal is sync tip clamp type.

Features
1) 4-input 1-output switch.
2) Built-in 6dB amplifier and 75Ω driver.
3) Built-in mute function.
4) Sync tip clamp input.
5) Wide operating supply voltage range. (4.5V to 13.0V)
6) Low power consumption. (Typ.100mW)
7) Excellent frequency characteristic. (Typ.10MHz, 0dB)
8) Wide dynamic range. (Typ.3.5VP-P)
9) Few cross talk between channels.
   (Typ.−65dB, f=4.43MHz)

Applications
   TV, VTR




Similar Part No. - BA7615N

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7611 ROHM-BA7611 Datasheet
57Kb / 4P
Video signal switcher
BA7611AF ROHM-BA7611AF Datasheet
57Kb / 4P
Video signal switcher
BA7611AF ROHM-BA7611AF Datasheet
146Kb / 5P
Single Circuit Wide Dynamic Range Video Signal Switchers
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
Video signal switcher
BA7612 ROHM-BA7612 Datasheet
57Kb / 5P
Video signal switcher
More results


Similar Description - BA7615N

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TDA4439 TEMIC-TDA4439 Datasheet
105Kb / 7P
Video IF Amplifier for Multistandard TV and VTR
Rev. A1: 14.09.1995
logo
Rohm
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
Video signal switcher
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
Video signal switcher
logo
Sanyo Semicon Device
LA7958 SANYO-LA7958 Datasheet
299Kb / 7P
For TV, VTR Audio/Video Switch
logo
Rohm
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
Video signal switcher
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com