Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLT1014 Datasheet (PDF) - Vishay Siliconix

TCLT1014 Datasheet PDF - Vishay Siliconix
Part # TCLT1014
Download  TCLT1014 Download
File Size   150.11 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, SOP-6L4,110 C Rated, Long Mini-Flat Package

TCLT1014 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCLT1014 Datasheet PDF - Vishay Siliconix

Part # TCLT1014
Download  TCLT1014 Click to download

File Size   150.11 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, SOP-6L4,110 C Rated, Long Mini-Flat Package

TCLT1014 Datasheet (HTML) - Vishay Siliconix


TCLT1014 Product details

• SMD low profile 4 lead package
• High isolation 5000 VRMS
• CTR flexibility available see order information
• Special construction
• Extra low coupling capacitance
• Connected base
• DC input with transistor output
• Temperature range -55 °C to +110 °C
• Creepage distance > 8 mm




Similar Part No. - TCLT1014

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT101 VISHAY-TCLT101 Datasheet
175Kb / 9P
Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Packages
19-Jan-16
TCLT101 VISHAY-TCLT101 Datasheet
175Kb / 9P
Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Package
19-Jan-16
TCLT101. VISHAY-TCLT101. Datasheet
175Kb / 9P
Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Packages
19-Jan-16
TCLT101. VISHAY-TCLT101. Datasheet
175Kb / 9P
Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Package
19-Jan-16
TCLT1010 VISHAY-TCLT1010 Datasheet
175Kb / 9P
Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Packages
19-Jan-16
More results


Similar Description - TCLT1014

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1000 VISHAY-TCLT1000_07 Datasheet
129Kb / 9P
Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
21-Nov-07
TCLT100 VISHAY-TCLT100 Datasheet
130Kb / 6P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
29-Apr-11
SFH1690BT VISHAY-SFH1690BT Datasheet
132Kb / 8P
Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 C Rated
23-May-13
TCLT1017 VISHAY-TCLT1017 Datasheet
150Kb / 8P
Optocoupler, Phototransistor Output, SOP-6L4, 110 C Rated, Long Mini-Flat Package
08-Jan-14
TCLT111 VISHAY-TCLT111 Datasheet
152Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
SFH1690AT VISHAY-SFH1690AT_V01 Datasheet
131Kb / 8P
Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
23-May-13
TCLT111 VISHAY-TCLT111_V01 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
SFH1690AT VISHAY-SFH1690AT_V02 Datasheet
131Kb / 8P
Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
23-May-13
TCLT100 VISHAY-TCLT100_V02 Datasheet
169Kb / 9P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
01-Dec-15
TCLT111 VISHAY-TCLT111_V02 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com