Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9661L-E3 Datasheet (PDF) - NEC

PS9661L-E3 Datasheet PDF - NEC
Part # PS9661L-E3
Download  PS9661L-E3 Download
File Size   2734.79 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs HIGH NOISE REDUCTION 25 Mbps CMOS OUTPUT TYPE 8-PIN DIP OPTOCOUPLER

PS9661L-E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS9661L-E3 Datasheet PDF - NEC

Part # PS9661L-E3
Download  PS9661L-E3 Click to download

File Size   2734.79 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs HIGH NOISE REDUCTION 25 Mbps CMOS OUTPUT TYPE 8-PIN DIP OPTOCOUPLER

PS9661L-E3 Datasheet (HTML) - NEC


PS9661L-E3 Product details

DESCRIPTION

NEC’s PS9661 and PS9661L are optically coupled isolators containing a GaAlAs LED on the input side and a CMOS output IC on the output side. These photocouplers are high common mode transient immunity (CMR), high-speed CMOS output type devices, making them ideal for high-speed logic interface circuits. The PS9661 is in a plastic DIP (Dual In-line Package) and the PS9661L is lead bending type (Gull-wing) for surface mounting.



FEATURES

• High-speed response (25 Mbps)

• High common mode transient immunity (CMH, CML = ±20 kV/µs TYP.)

• High isolation voltage (BV = 3 750 Vr.m.s.)

• Pulse width distortion ( |tPHL − tPLH| = 3 ns TYP.)

• Ordering number of tape product: PS9661L-E3, E4: 1 000 pcs/reel



APPLICATIONS

• Factory Automation Network

• Measurement equipment

• PDP



 




Similar Part No. - PS9661L-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9661L-E3 CEL-PS9661L-E3 Datasheet
2Mb / 9P
NECs HIGH NOISE REDUCTION 25 Mbps CMOS OUTPUT TYPE 8-PIN DIP OPTOCOUPLER
PS9661L-E3-A CEL-PS9661L-E3-A Datasheet
2Mb / 9P
NECs HIGH NOISE REDUCTION 25 Mbps CMOS OUTPUT TYPE 8-PIN DIP OPTOCOUPLER
More results


Similar Description - PS9661L-E3

ManufacturerPart #DatasheetDescription
logo
NEC
PS9611 NEC-PS9611 Datasheet
82Kb / 5P
HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PS9614 NEC-PS9614 Datasheet
130Kb / 7P
NECs HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8 PIN DIP OPTOCOUPLER
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS9851-1 NEC-PS9851-1 Datasheet
91Kb / 10P
HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS9851-1 CEL-PS9851-1 Datasheet
394Kb / 13P
HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
PS9614 CEL-PS9614 Datasheet
216Kb / 7P
NECs HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8 PIN DIP OPTOCOUPLER
PS9611 CEL-PS9611 Datasheet
414Kb / 12P
HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PS9351L CEL-PS9351L Datasheet
737Kb / 8P
HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9661 CEL-PS9661 Datasheet
2Mb / 9P
NECs HIGH NOISE REDUCTION 25 Mbps CMOS OUTPUT TYPE 8-PIN DIP OPTOCOUPLER
logo
Renesas Technology Corp
PS9851-1 RENESAS-PS9851-1_15 Datasheet
278Kb / 15P
HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com