Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EHD66764 Datasheet (PDF) - Hitachi Semiconductor

EHD66764 Datasheet PDF - Hitachi Semiconductor
Part # EHD66764
Download  EHD66764 Download
File Size   257.0 Kbytes
Page   38 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 176-channel Common Driver for Color Displays

EHD66764 Datasheet (PDF)

Go To PDF Page Download Datasheet
EHD66764 Datasheet PDF - Hitachi Semiconductor

Part # EHD66764
Download  EHD66764 Click to download

File Size   257.0 Kbytes
Page   38 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 176-channel Common Driver for Color Displays

EHD66764 Datasheet (HTML) - Hitachi Semiconductor


EHD66764 Product details

Description
The HD66764 is a common-driver LSI for systems with color-liquid-crystal dot-matrix graphic displays.  It incorporates 176 LCD drive circuits and power-supply circuits.  An external capacitor is also needed for the liquid crystal display.
This LSI, when used with the HD66763 384-channel segment driver with on-chip RAM, is suitable for color displays of cellular phones to a maximum of 128-by-176 dots.

Features
• LCD drive circuits
   - 176 outputs
• Internal power-supply circuit
   - Step-up circuit: twice to 12 times, positive-polarity inversion
   - Bias setting: 1/2 to 1/13, programmable
   - Contrast adjustment: 128-level programmable volume
   - Dividing resistors: built-in (controls the bias)
   - Setting: serial transfer from the HD66763 segment driver
• Low power consumption
• Power-supply voltage
   - Vcc = 1.8 to 3.6 V
• LCD drive voltage
   - VLCD-VEE = 10 to 44 V (VM standard: ± 5 to ± 2 2 V)
• Package
   - TCP and chip




Similar Part No. - EHD66764

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
EHDB9FF SWITCH-EHDB9FF Datasheet
195Kb / 1P
AUDIO VIDEO DATA PANEL CONNECTORS
EHDB9FFB SWITCH-EHDB9FFB Datasheet
875Kb / 4P
EH Series Audio/Video/Data CONNECTORS
EHDB9MF SWITCH-EHDB9MF Datasheet
875Kb / 4P
EH Series Audio/Video/Data CONNECTORS
EHDB9MF SWITCH-EHDB9MF Datasheet
195Kb / 1P
AUDIO VIDEO DATA PANEL CONNECTORS
EHDB9MM SWITCH-EHDB9MM Datasheet
195Kb / 1P
AUDIO VIDEO DATA PANEL CONNECTORS
More results


Similar Description - EHD66764

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4102C SANYO-LC4102C Datasheet
61Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4131C SANYO-LC4131C Datasheet
74Kb / 7P
LCD Dot Matrix Common Driver for STN Displays
logo
Renesas Technology Corp
HD66773R RENESAS-HD66773R Datasheet
1Mb / 133P
262,144-color, 132 x 176-dot Graphics Controller Driver for TFT LCD panels
logo
Hitachi Semiconductor
HD66765 HITACHI-HD66765 Datasheet
261Kb / 71P
396-channel Segment Driver with Internal RAM for 4096-color Displays
logo
ELMOS Semiconductor AG
E910.37 ELMOS-E910.37 Datasheet
122Kb / 1P
LCD controller, driver for grey scale, ECB color displays
logo
List of Unclassifed Man...
FE1901W-DU ETC2-FE1901W-DU Datasheet
97Kb / 3P
Color Displays - (Prototype Kits Available for All Displays)
logo
Renesas Technology Corp
S17594EJ2V0DS00 RENESAS-S17594EJ2V0DS00_15 Datasheet
956Kb / 79P
176-RGB x 220-DOT 1-CHIP DRIVER IC FOR 262,144-COLOR TFT-LCD DISPLAY
PD161643 RENESAS-PD161643_15 Datasheet
228Kb / 18P
176-OUTPUT TFT-LCD GATE DRIVER
logo
OSRAM GmbH
KRHAVPA1.22 OSRAM-KRHAVPA1.22 Datasheet
870Kb / 21P
Full color displays
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com