Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD29051 Datasheet (PDF) - Hitachi Semiconductor

HD29051 Datasheet PDF - Hitachi Semiconductor
Part # HD29051
Download  HD29051 Download
File Size   160.06 Kbytes
Page   11 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual Differential Line Drivers/ReceiversWith 3 State Outputs

HD29051 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD29051 Datasheet PDF - Hitachi Semiconductor

Part # HD29051
Download  HD29051 Click to download

File Size   160.06 Kbytes
Page   11 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual Differential Line Drivers/ReceiversWith 3 State Outputs

HD29051 Datasheet (HTML) - Hitachi Semiconductor


HD29051 Product details

Description
The HD29051 features differential line drivers/receivers with three state output designed to meet the spec of EIA RS-422A and 423A. Each device has two drivers/receivers in a 16 pin package.
The device becomes in enable state when active high for a driver and active low for a receiver.

Features
Driver
• Built in current restriction when short circuit
• Power up/down protection.
• High output current IOH = –40 mA
                                  IOL = 40 mA

Receiver
• Input hysteresis (Typ. 50 mV)
• In phase input voltage ±200 mV of input sensitivity in the range –7 to +12 V.




Similar Part No. - HD29051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29051 ETC-HD29051 Datasheet
45Kb / 10P
Dual Differential Line Drivers / ReceiversWith 3 State Outputs
logo
Hitachi Semiconductor
HD29051 HITACHI-HD29051 Datasheet
221Kb / 15P
Dual Differential Line Drivers / Receivers with 3-state Outputs
logo
Renesas Technology Corp
HD29051 RENESAS-HD29051 Datasheet
161Kb / 11P
Dual Differential Line Drivers/ReceiversWith 3 State Outputs
HD29051P RENESAS-HD29051P Datasheet
161Kb / 11P
Dual Differential Line Drivers/ReceiversWith 3 State Outputs
More results


Similar Description - HD29051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29050 ETC-HD29050 Datasheet
45Kb / 10P
Dual Differential Line Drivers / ReceiversWith 3 State Outputs
HD29051 ETC-HD29051 Datasheet
45Kb / 10P
Dual Differential Line Drivers / ReceiversWith 3 State Outputs
logo
Hitachi Semiconductor
J205027_HD29051 HITACHI-J205027_HD29051 Datasheet
221Kb / 15P
Dual Differential Line Drivers / Receivers with 3-state Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
Quadruple Differential Line Drivers With 3 State Outputs
HD29412 ETC1-HD29412 Datasheet
36Kb / 6P
Dual Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
HD75159 HITACHI-HD75159 Datasheet
58Kb / 10P
Dual Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD29050 RENESAS-HD29050 Datasheet
163Kb / 14P
Dual Differential Line Drivers/ReceiversWith 3 State Outputs
HD29051 RENESAS-HD29051 Datasheet
161Kb / 11P
Dual Differential Line Drivers/ReceiversWith 3 State Outputs
HD26C31 RENESAS-HD26C31 Datasheet
160Kb / 12P
Quadruple Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
26C31-SMD HITACHI-26C31-SMD Datasheet
119Kb / 15P
Quadruple Differential Line Drivers With 3 State Outputs
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com