Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-4286 Datasheet (PDF) - Stanford Microdevices

SGA-4286 Datasheet PDF - Stanford Microdevices
Part # SGA-4286
Download  SGA-4286 Download
File Size   405.07 Kbytes
Page   5 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-5000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER

SGA-4286 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGA-4286 Datasheet PDF - Stanford Microdevices

Part # SGA-4286
Download  SGA-4286 Click to download

File Size   405.07 Kbytes
Page   5 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-5000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER

SGA-4286 Datasheet (HTML) - Stanford Microdevices


SGA-4286 Product details

Product Description
Stanford Microdevices’ SGA-4286 is a high performance cascadeable 50-ohm amplifier designed for operation at voltages as low as 3.2V. This RFIC uses the latest Silicon Germanium Heterostructure Bipolar Transistor (SiGe HBT) process featuring 1 micron emitters with FT up to 65 GHz.

Product Features
• DC-3500 MHz Operation
• Single Voltage Supply
• Low Current Draw: 45mA at 3.2V typ.
• High Output Intercept: >+29dBm typ. at 850 MHz
• High Power Efficiency: >20%

Applications
• Oscillator Amplifiers
• IF/ RF Buffer Amplifier
• Drivers for CATV Amplifiers
• PA for Low Power Applications




Similar Part No. - SGA-4286

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-4286 SIRENZA-SGA-4286 Datasheet
88Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4286Z SIRENZA-SGA-4286Z Datasheet
88Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Similar Description - SGA-4286

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SGA-4163 STANFORD-SGA-4163 Datasheet
395Kb / 5P
DC-5000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
SGA-2286 ETC1-SGA-2286 Datasheet
90Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-3386 ETC1-SGA-3386 Datasheet
86Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SGA-2163 SIRENZA-SGA-2163 Datasheet
254Kb / 5P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-2263 SIRENZA-SGA-2263 Datasheet
251Kb / 5P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5386 SIRENZA-SGA-5386 Datasheet
88Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-2286 SIRENZA-SGA-2286 Datasheet
90Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-2386 SIRENZA-SGA-2386 Datasheet
95Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-3486 SIRENZA-SGA-3486 Datasheet
86Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4186 SIRENZA-SGA-4186 Datasheet
88Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com