Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP954 Datasheet (PDF) - OPTEK Technologies

OP954 Datasheet PDF - OPTEK Technologies
Part # OP954
Download  OP954 Download
File Size   701.84 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description PIN Sili con Pho todiode

OP954 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP954 Datasheet PDF - OPTEK Technologies

Part # OP954
Download  OP954 Click to download

File Size   701.84 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description PIN Sili con Pho todiode

OP954 Datasheet (HTML) - OPTEK Technologies


OP954 Product details

Description
The OP954 device consists of a PIN silicon photodiode molded in a clear epoxy package which allows spectral response from visible to infrared light wavelengths. The very wide receiving angle provides relatively even reception over a large area. The side-looking package is designed for easy PC board mounting. These devices are 100% production tested using infrared light for close correlation with Optek’s GaAs and GaAlAs emitters.
Fea tures
·Very wide receiving angle
·Linear response vs. irradiance
·Fast switching time
·Side-looking package ideal for space limited applications

Absolute Maximum Ratings (TA = 25℃ unless other wise noted)
Reverse Breakdown Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 V
Storage and Operating Temperature Range . . . . . . . . . . . . . . . . . . -40℃ to +100℃
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 sec. with soldering iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260℃
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW




Similar Part No. - OP954

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OP954 TTELEC-OP954 Datasheet
1Mb / 5P
PIN Silicon Photodiode
More results


Similar Description - OP954

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP999 OPTEK-OP999 Datasheet
707Kb / 2P
PIN Sili con Photodiode
June 1996
OP950 OPTEK-OP950 Datasheet
717Kb / 2P
PIN Sili con Pho todiode
June 1996
OP955 OPTEK-OP955 Datasheet
710Kb / 2P
PIN Sili con Pho todiode
Jun-1996
OP993 OPTEK-OP993 Datasheet
723Kb / 2P
PIN Sili con Pho todiode
Jun-1996
OPF792 OPTEK-OPF792 Datasheet
224Kb / 2P
Short Wave length PIN Pho todiode
June 1996
OP905 OPTEK-OP905 Datasheet
494Kb / 2P
PIN Sili con Pho todiode
Jun-1996
OSM960 OPTEK-OSM960 Datasheet
223Kb / 2P
Six Ele ment SMD Pho todiode Ar ray
July 1999
logo
List of Unclassifed Man...
FZ800ED-CON-254 ETC-FZ800ED-CON-254 Datasheet
75Kb / 1P
CON
CA62802P07990 ETC2-CA62802P07990 Datasheet
135Kb / 1P
(2-6) #20 PIN CONTACTS MINI-CON-X
logo
Shanghai Leiditech Elec...
LMBT3904WT1G LEIDITECH-LMBT3904WT1G Datasheet
807Kb / 5P
General Purpose Transistors NPN Sili
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com