Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52770 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M52770 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M52770
Download  M52770 Download
File Size   178.84 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description NTSC/PAL TV SIGNAL PROCESSOR

M52770 Datasheet (PDF)

Go To PDF Page Download Datasheet
M52770 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M52770
Download  M52770 Click to download

File Size   178.84 Kbytes
Page   4 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description NTSC/PAL TV SIGNAL PROCESSOR

M52770 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M52770 Product details

DESCRIPTION

The M52771SP is a single chip CTV processor which has VIF/SIF, luminance, chrominance, mono sound, OSD display, RGB interface, and deflection. And it is possible to control each parameters by I2C bus. A baseband 1H delay line is built-in, and conjunction with SECAM decoder M52325AP simplifies multi system CTV chassis.



FEATURES

• Built-in 1H Delay Line using Bi-CMOS technology

• Multistandard PLL demodulator for IF

• Alignment - free sound demodulator

• Flexible source selection with internal CVBS and external CVBS or Y/C input signal

• Audio switch integrated

• Integrated chroma trap and bandpass filters with auto-calibration

• Luminance delay line integrated

• RGB control circuit with cut-off and drive

• Linear RGB inputs and fast blanking

• Horizontal synchronaization with two control loops and alignment free H-oscillator

• Vertical count-down circuit

• Vertical saw tooth generator integrated

• I2C Bus control of various functions

• Easy interfacing with SECAM decoder for multistandard applications

• Small amount of peripheral components



APPLICATION

NTSC/PAL TELEVISION



QUICK REFERENCE DATA

• Supply voltage pin8(VIF), pin26(video/chroma)....................5.0V

pin22(Start-up), pin42(Output Stage)........... 9.0V

• Supply current pin8 and pin26......................................... 107mA

pin22 and pin42..........................................56mA

• Input signals VIF input sensitivity...................................48dBµ

SIF limiting sensitivity............................... 43dBµ

External audio input.......................... 920mV rms

External CVBS/Y inputs............................. 1VP-P

External chroma input (burst amplitude)..0.3VP-P

External RGB inputs................................ 0.7VP-P

Fast blanking Internal TV...................0 to 1.3V

External RGB............1.7 to 3.3V

BLK..............................3.7 to 5V

-(R-Y) input.............................................1.05VP-P

-(B-Y) input.............................................1.33VP-P




Similar Part No. - M52770

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52770 MITSUBISHI-M52770 Datasheet
77Kb / 4P
NTSC/PAL TV SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52770ASP RENESAS-M52770ASP Datasheet
243Kb / 8P
NTSC/PAL TV Signal Processor
Mar 31, 2008
logo
Mitsubishi Electric Sem...
M52770SP MITSUBISHI-M52770SP Datasheet
77Kb / 4P
NTSC/PAL TV SIGNAL PROCESSOR
More results


Similar Description - M52770

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52340SP MITSUBISHI-M52340SP Datasheet
314Kb / 44P
PAL/NTSC SYSTEM SHINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52727SP MITSUBISHI-M52727SP Datasheet
430Kb / 61P
PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52770SP MITSUBISHI-M52770SP Datasheet
77Kb / 4P
NTSC/PAL TV SIGNAL PROCESSOR
M52771SP MITSUBISHI-M52771SP Datasheet
91Kb / 4P
NTSC/PAL TV SIGNAL PROCESSOR
M52771ASP MITSUBISHI-M52771ASP Datasheet
84Kb / 4P
NTSC / PAL TV SIGNAL PROCESSOR
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
Integrated PAL and PAL/NTSC TV processor
logo
List of Unclassifed Man...
M61260BFP ETC2-M61260BFP Datasheet
76Kb / 1P
TV Signal Processor for PAL/SECAM/NTSC
logo
Renesas Technology Corp
M52770ASP RENESAS-M52770ASP Datasheet
243Kb / 8P
NTSC/PAL TV Signal Processor
Mar 31, 2008
M52771ASP RENESAS-M52771ASP Datasheet
232Kb / 8P
NTSC/PAL TV Signal Processor
Mar 31, 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com