Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK25C48-W45 Datasheet (PDF) - List of Unclassifed Manufacturers

STK25C48-W45 Datasheet PDF - List of Unclassifed Manufacturers
Part # STK25C48-W45
Download  STK25C48-W45 Download
File Size   84.49 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2K X 8 AUTOSTORE NVSRAM

STK25C48-W45 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK25C48-W45 Datasheet PDF - List of Unclassifed Manufacturers

Part # STK25C48-W45
Download  STK25C48-W45 Click to download

File Size   84.49 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2K X 8 AUTOSTORE NVSRAM

STK25C48-W45 Datasheet (HTML) - List of Unclassifed Manufacturers


STK25C48-W45 Product details

[Simtek]

DESCRIPTION
The STK25C48 is a fast SRAM with a nonvolatile EEPROM element incorporated in each static memory cell. The SRAM can be read and written an unlimited number of times, while independent nonvolatile data resides in the EEPROM. Data transfers from the SRAM to the EEPROM (the STORE operation) can take place automatically on power down using charge stored in system capacitance. Transfers from the EEPROM to the SRAM (the RECALL operation) take place automatically on restoration of power. The nvSRAM can be used in place of existing 2K x 8 SRAMs and also matches the pinout of 2K x 8 battery-backed SRAMs, EPROMs and EEPROMs, allowing direct substitution while enhancing performance. There is no limit on the number of read or write cycles that can be executed, and no support circuitry is required for microprocessor interfacing.

FEATURES
• Nonvolatile Storage without Battery Problems
• Directly Replaces 2K x 8 Static RAM, Battery Backed RAM or EEPROM
• 20ns, 25ns, 35ns and 45ns Access Times
• STORE to EEPROM Initiated by AutoStore™ on Power Down
• RECALL to SRAM Initiated by Software or Power Restore
• 10mA Typical ICC at 200ns Cycle Time
• Unlimited READ, WRITE and RECALL Cycles
• 1,000,000 STORE Cycles to EEPROM
• 100-Year Data Retention over Full Industrial Temperature Range
• Commercial and Industrial Temperatures
• 24-Pin 600 PDIP Package




Similar Part No. - STK25C48-W45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Similar Description - STK25C48-W45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
2K X 8 NVSRAM
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
8K x 8 AutoStore nvSRAM
U63716 ETC-U63716 Datasheet
206Kb / 13P
CAPSTORE 2K X 8 NVSRAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
32K x 8 AutoStore nvSRAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
HardStore 2K x 8 nvSRAM
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
SimtekSoftStore 2K x 8 nvSRAM
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
256 Kbit (32K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48 Datasheet
514Kb / 14P
16 Kbit (2K x 8) AutoStore nvSRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com