Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDH308 Datasheet (PDF) - Nihon Inter Electronics Corporation

PDH308 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PDH308
Download  PDH308 Download
File Size   241.5 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description THYRISTOR MODULE 30A Avg 800 Volts

PDH308 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDH308 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PDH308
Download  PDH308 Click to download

File Size   241.5 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description THYRISTOR MODULE 30A Avg 800 Volts

PDH308 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PDH308

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDH3012 NIEC-PDH3012 Datasheet
271Kb / 5P
THYRISTOR MODULE 30A /1200 to 1600V
PDH3012 NIEC-PDH3012 Datasheet
251Kb / 4P
30A Avg 1200~1600 Volts
PDH3016 NIEC-PDH3016 Datasheet
271Kb / 5P
THYRISTOR MODULE 30A /1200 to 1600V
PDH3016 NIEC-PDH3016 Datasheet
251Kb / 4P
30A Avg 1200~1600 Volts
logo
Potens Semiconductor Co...
PDH3060 POTENS-PDH3060 Datasheet
814Kb / 5P
30V N-Channel MOSFETs
Ver.1.01
More results


Similar Description - PDH308

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PGH3016AM NIEC-PGH3016AM Datasheet
213Kb / 3P
THYRISTOR 30A AVG 1600 VOLTS
PCH4008 NIEC-PCH4008 Datasheet
246Kb / 4P
THYRISTOR 400A AVG 800 VOLTS
PHT308C NIEC-PHT308C Datasheet
336Kb / 3P
30A Avg 800 Volts
PHT608C NIEC-PHT608C Datasheet
26Kb / 1P
THYRISTOR 60A Avg 800 Volts
PC308 NIEC-PC308_1 Datasheet
150Kb / 2P
30A Avg 800 Volts
PC2008 NIEC-PC2008_1 Datasheet
156Kb / 2P
200A Avg 800 Volts
PE308N NIEC-PE308N_1 Datasheet
150Kb / 2P
30A Avg 800 Volts
PGH308 NIEC-PGH308_1 Datasheet
220Kb / 3P
30A Avg 800 Volts
PT30S8 NIEC-PT30S8_1 Datasheet
112Kb / 2P
30A Avg 800 Volts
logo
National Instruments Co...
PC308 NI-PC308_15 Datasheet
150Kb / 2P
30A Avg 800 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com