Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N137 Datasheet (PDF) - Vishay Siliconix

6N137 Datasheet PDF - Vishay Siliconix
Part # 6N137_16
Download  6N137 Download
File Size   245.23 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, Single and Dual, 10 MBd

6N137 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N137 Datasheet PDF - Vishay Siliconix

Part # 6N137_16
Download  6N137 Click to download

File Size   245.23 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Optocoupler, Single and Dual, 10 MBd

6N137 Datasheet (HTML) - Vishay Siliconix


6N137 Product details

• Choice of CMR performance of 15 kV/μs,
5 kV/μs, and 1000 V/μs
• High speed: 10 MBd typical
• +5 V CMOS compatibility
• Pure tin leads
• Guaranteed AC and DC performance over
temperature
• Meets IEC 60068-2-42 (SO2) and IEC 60068-2-43 (H2S)
requirements
• Low input current capability of 5 mA




Similar Part No. - 6N137_16

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
6N137S1(TA)-V EVERLIGHT-6N137S1(TA)-V Datasheet
1Mb / 15P
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137S1(TA)-V EVERLIGHT-6N137S1(TA)-V Datasheet
1Mb / 15P
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137S1(TB)-V EVERLIGHT-6N137S1(TB)-V Datasheet
1Mb / 15P
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137S1(TB)-V EVERLIGHT-6N137S1(TB)-V Datasheet
1Mb / 15P
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
CT Micro International ...
6N137T1 CTMICRO-6N137T1 Datasheet
1Mb / 16P
10MBit/s High Speed Logic Gate Optocoupler
More results


Similar Description - 6N137_16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
High Speed Optocoupler, 10 Mbd
07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
High Speed Optocoupler, 10 MBd
06-Oct-08
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
High Speed Optocoupler, Dual, 5 MBd
26-Oct-04
VO2601-X017T VISHAY-VO2601-X017T Datasheet
211Kb / 10P
High Speed Optocoupler, Single and Dual, 10 MBd
25-Sep-12
VO2611-X007T VISHAY-VO2611-X007T Datasheet
211Kb / 10P
High Speed Optocoupler, Single and Dual, 10 MBd
25-Sep-12
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
High Speed Optocoupler, 10 Mbd
13-Aug-04
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
High Speed Optocoupler, 10 MBd
22-May-13
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
High Speed Optocoupler, Dual, 10 MBd
15-Nov-2021
VO4661 VISHAY-VO4661_V01 Datasheet
250Kb / 16P
High Speed Optocoupler, Single and Dual, 10 MBd
15-Jan-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com