Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4004AM Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SM4004AM Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SM4004AM
Download  SM4004AM Download
File Size   160.92 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers

SM4004AM Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4004AM Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SM4004AM
Download  SM4004AM Click to download

File Size   160.92 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers

SM4004AM Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SM4004AM Product details

FEATURES
• Low profile package
• Glass Passivated Chip Junction
• Low reverse current
• Lead free in comply with EU RoHS 2011/65/EU directives

MECHANICAL DATA
• Case : SMAM
• Terminals: Solderable per MIL-STD-750, Method 2026
• Weight: 27 mgram (Approximate)




Similar Part No. - SM4004AM

ManufacturerPart #DatasheetDescription
logo
Bytes
SM4004A BYTES-SM4004A Datasheet
154Kb / 2P
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM4004A UNIOHM-SM4004A Datasheet
66Kb / 2P
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4004A SECOS-SM4004A Datasheet
192Kb / 2P
1.0 AMP Surface Mount Silicon Rectifiers
SM4004A SECOS-SM4004A Datasheet
207Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
logo
SUNMATE electronic Co.,...
SM4004A SUNMATE-SM4004A Datasheet
324Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
More results


Similar Description - SM4004AM

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A_12 Datasheet
207Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
logo
Kingtronics Internation...
SM4001-SM4007 KINGTRONICS-SM4001-SM4007 Datasheet
309Kb / 2P
1.0AMP. Surface Mount Glass Passivated Silicon Rectifiers Voltage Range 50 to 1000 Volts Current 1.0 Amperes
logo
SeCoS Halbleitertechnol...
DF2005S SECOS-DF2005S Datasheet
227Kb / 2P
Voltage 50 V ~ 1000 V2.0 Amp Surface Mount Bridge Rectifiers
SM4001B SECOS-SM4001B Datasheet
191Kb / 2P
1.0Amp Surface Mount Silicon Rectifiers
SM4001A SECOS-SM4001A_15 Datasheet
379Kb / 2P
1.0Amp Surface Mount Silicon Rectifiers
SM4001B SECOS-SM4001B_15 Datasheet
191Kb / 2P
1.0Amp Surface Mount Silicon Rectifiers
QG201AM SECOS-QG201AM Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
QG201JD SECOS-QG201JD Datasheet
222Kb / 2P
Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
QG301AM SECOS-QG301AM Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 3.0Amp Surface Mount Silicon Rectifiers
SM4001JD SECOS-SM4001JD Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com